Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53C94 Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # AM53C94
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C94 Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button AM53C94 Datasheet HTML 28Page - Advanced Micro Devices AM53C94 Datasheet HTML 29Page - Advanced Micro Devices AM53C94 Datasheet HTML 30Page - Advanced Micro Devices AM53C94 Datasheet HTML 31Page - Advanced Micro Devices AM53C94 Datasheet HTML 32Page - Advanced Micro Devices AM53C94 Datasheet HTML 33Page - Advanced Micro Devices AM53C94 Datasheet HTML 34Page - Advanced Micro Devices AM53C94 Datasheet HTML 35Page - Advanced Micro Devices AM53C94 Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
P R E L I M I N A R Y
AMD
32
Am53C94/Am53C96
CNTLREG3 – Bit 0 – BS8 – Burst Size 8
The BS8 bit is used to modify the timing of the DREQ
signal with respect to the
DMARD and DMAWR signals.
The BS8 bit is used in conjunction with the Modify DMA
Mode (MDM) bit in the CNTLREG3. Both bits have to be
set for proper operation.
When the BS8 bit is set the device delays the assertion
of the DREQ signal until 8 bytes or 4 words transfer is
possible.
When the BS8 bit is set and the device is in a DMA write
mode the DREQ signal will be asserted only when 8 byte
locations are available for writing. In the DMA read
mode the DREQ signal will go active under the following
circumstances:
At the end of a transfer,
s
In the target mode,
– when the transfer is complete
or
– when the
ATN signal is active
s
In the initiator mode,
– when the Current Transfer Register
is decremented to zero
or
– after any phase change
In the middle of a transfer
s
In the initiator mode,
– when the last 8 bytes of the FIFO are full
– during Synchronous Data-In transfer when the
Event Transfer Count Register is greater than
7 and the last 8 bytes of the FIFO are full.
When the BS8 bit is reset and the device is in a DMA
read or write mode the DREQ signal will toggle every
time the data is strobed by the
DMARD or DMAWR
signals.
Using Bit 0 (BS8) and Bit 1 (MDM) of Control
Register 3, one can enable the different combination
modes shown in the table below.
Maximum
(MDM) (BS8)
Function
Synchronous
Bit 1
Bit 0
Offset
0
0
Normal DMA Mode
15
0
1
Burst Size 8 Mode
7
1
0
Reserved
–
1
1
Modified DMA Mode
15
Data Alignment Register (0FH) Write
16506C-33
The Data Alignment Register (DALREG) is used if the
first byte of a 16-bit DMA transfer from the SCSI bus to
the host processor is misaligned. Prior to issuing an in-
formation transfer command, the host processor must
set the Data Alignment Enable (DAE) bit in the
CNTLREG2.
DALREG – Bits 7:0 – DA 7:0 – Data Alignment 7:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com