Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53C94 Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM53C94
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C94 Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM53C94 Datasheet HTML 18Page - Advanced Micro Devices AM53C94 Datasheet HTML 19Page - Advanced Micro Devices AM53C94 Datasheet HTML 20Page - Advanced Micro Devices AM53C94 Datasheet HTML 21Page - Advanced Micro Devices AM53C94 Datasheet HTML 22Page - Advanced Micro Devices AM53C94 Datasheet HTML 23Page - Advanced Micro Devices AM53C94 Datasheet HTML 24Page - Advanced Micro Devices AM53C94 Datasheet HTML 25Page - Advanced Micro Devices AM53C94 Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
P R E L I M I N A R Y
AMD
22
Am53C94/Am53C96
SCSI Timeout Register (05H) Write
SCSI Timeout Register
STIMREG
Address: 05H
Type: Write
76543
210
STIM7
STIM6
STIM5
STIM4
STIM3
STIM2
STIM1
STIM0
xxxxx
xxx
16506C-23
This register determines how long the initiator (target)
will wait for a target to respond to a selection (reselec-
tion) before timing out. It should be set to yield 250 ms to
comply with ANSI standards for SCSI.
STIMREG – Bits 7:0 – STIM 7:0 – SCSI Timer 7:0
The value loaded in STIM 7:0 can be calculated from the
following formula:
STIM 7:0 =
[(SCSI Time Out) (Clock Frequency) / (8192 (Clock
Factor))]
Example:
SCSI Time Out (in seconds): 250 ms. (Recommended
by the ANSI Standard) = 250 x 10–3 s.
Clock Frequency: 20 MHz. (assume) = 20 x 106 Hz.
Clock Factor: CLKF 2:0 from Clock Conversion Regis-
ter (09H) = 5
STIM 7:0 = (250 x 10–3) X (20 x 106) / (8192 (5)) = 122
decimal
Internal State Register (06H) Read
Internal State Register
ISREG
Address: 06H
Type: Read
76543
210
RES
RES
RES
RES
SOF
IS2
IS1
IS0
xxxx
0
0
0
0
Reserved
Reserved
Reserved
Synchronous Offset Flag
Internal State 2:0
Reserved
16506C-24
The Internal State Register (ISREG) tracks the progress
of a sequence-type command. It is updated after each
successful completion of an intermediate operation. If
an error occurs, the host can read this register to deter-
mined at where the command failed and take the neces-
sary procedure for recovery. Reading the Interrupt
Status Register will clear this register.
ISREG – Bits 7:4 – RES – Reserved
ISREG – Bit 3 – SOF – Synchronous Offset Flag
The SOF is reset when the Synchronous Offset Register
(SOFREG) has reached its maximum value.
Note:
The SOF bit is active Low.
ISREG – Bits 2:0 – IS 2:0 – Internal State 2:0
The IS 2:0 bits along with the Interrupt Status Register
(INSTREG) indicates the status of the successfully
completed intermediate operation. Refer to the Status
Decode section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com