Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53C94 Datasheet(PDF) 53 Page - Advanced Micro Devices

Part # AM53C94
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C94 Datasheet(HTML) 53 Page - Advanced Micro Devices

Back Button AM53C94 Datasheet HTML 49Page - Advanced Micro Devices AM53C94 Datasheet HTML 50Page - Advanced Micro Devices AM53C94 Datasheet HTML 51Page - Advanced Micro Devices AM53C94 Datasheet HTML 52Page - Advanced Micro Devices AM53C94 Datasheet HTML 53Page - Advanced Micro Devices AM53C94 Datasheet HTML 54Page - Advanced Micro Devices AM53C94 Datasheet HTML 55Page - Advanced Micro Devices AM53C94 Datasheet HTML 56Page - Advanced Micro Devices AM53C94 Datasheet HTML 57Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
P R E L I M I N A R Y
AMD
53
Am53C94/Am53C96
103
tPD
DACK
to DREQ
Valid Delay
45
ns
104
tPWL
DACK Pulse Width Low
100
ns
105
tS
BHE, AS0 to
DMARD
Set Up Time
20
ns
106
tS
DACK
to
DMARD
Set Up Time
0
ns
107
tP
DMARD
to
DMARD
period
130
ns
108
tPD
DMARD
to Data Valid Delay
70
ns
109
tPWH
DMARD Pulse Width High
60
ns
110
tPWL
DMARD Pulse Width Low
70
ns
111
tH
BHE, AS0 to
DMARD
Hold Time
20
ns
112
tP
DMARD
to
DMARD
period
t3 + 50
ns
113
tPD
DMARD
to DREQ
Valid Delay
140
ns
114
tZ
DMARD
to Data High Impedance
50
ns
115
tH
DMARD
to Data Hold Time
2
ns
116
tPD
DACK
to DREQ
Valid Delay
50
ns
117
tPWH
DACK Pulse Width High
60
ns
118
tS
DACK
to
DMAWR
Set Up Time
0
ns
119
tS
BHE, AS0 to
DMAWR
Set Up Time
20
ns
120
tP
DMAWR
to
DMAWR
period
160
ns
121
tPWH
DMAWR Pulse Width High
60
ns
122
tPWL
DMAWR Pulse Width Low
100
ns
123
tH
BHE, AS0 to
DMAWR
Hold Time
20
ns
124
tP
DMAWR
to
DMAWR
period
t3 + 50
ns
125
tPD
DMAWR
to DREQ
Valid Delay
140
ns
126
tH
Data to
DMAWR
Hold Time
0
ns
127
tS
Data to
DMAWR
Set Up Time
15
ns
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Note:
There is a one-to-one relationship between every AMD and NCR Parameter (refer to Appendix B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com