Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53C94 Datasheet(PDF) 43 Page - Advanced Micro Devices

Part # AM53C94
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C94 Datasheet(HTML) 43 Page - Advanced Micro Devices

Back Button AM53C94 Datasheet HTML 39Page - Advanced Micro Devices AM53C94 Datasheet HTML 40Page - Advanced Micro Devices AM53C94 Datasheet HTML 41Page - Advanced Micro Devices AM53C94 Datasheet HTML 42Page - Advanced Micro Devices AM53C94 Datasheet HTML 43Page - Advanced Micro Devices AM53C94 Datasheet HTML 44Page - Advanced Micro Devices AM53C94 Datasheet HTML 45Page - Advanced Micro Devices AM53C94 Datasheet HTML 46Page - Advanced Micro Devices AM53C94 Datasheet HTML 47Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
P R E L I M I N A R Y
AMD
43
Am53C94/Am53C96
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
1tPWL
Clock Pulse Width Low
14.58
ns
2tCP
Clock period
40
100
ns
3tL
Synchronization latency
54.58
185.42
ns
(parameter 2 + parameter 1)
4tPWH
Clock Pulse Width High
14.58
ns
RESET
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Reset Input
5tPWH
Reset Pulse Width High
500
ns
CLK
Clock Input
3
5
1
4
2
Note:
Clock Frequency Range = 10 to 25 MHz for Asynchronous SCSI Bus
= 12 to 25 MHz for Synchronous SCSI Bus
16505C-36
16505C-37
Note:
There is a one-to-one relationship between every AMD and NCR Parameter (refer to Appendix B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com