Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WA-00400A-RACK-KIT Datasheet(PDF) 3 Page - Coherent Corp

Part # WA-00400A-RACK-KIT
Description  Family of Optical Spectrum Analyzers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

WA-00400A-RACK-KIT Datasheet(HTML) 3 Page - Coherent Corp

  WA-00400A-RACK-KIT Datasheet HTML 1Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 2Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 3Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 4Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 5Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 6Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 7Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 8Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 9Page - Coherent Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
WAVEANALYZER™
WaveAnalyzer 200A
Portable Optical Spectrum Analyzer
The WaveAnalyzer 200A is a lightweight portable Optical Spectrum Analyzer
covering the C-band of optical communications. It has been designed for
flexible use in the laboratory and also during installation, turn up and trouble
shooting of optical networks in telecom and datacenter applications. Auto-
matic ranging allows signals from +20 dBm to -50 dBm to be characterized
without adjusting settings or adding attenuators. The instrument is controlled
via touch-screen using Coherent‘s WaveAnalyzer GUI. A protective rubber
bumper comes along with the instrument allowing operation of the unit in
rugged environments.
The WA 200A is based on a coherent measurement principle which allows
operation without any moving part inside the instrument.
Language Support
The WA 200A includes localized GUI with language support
for English, Japanese, Chinese and Italian.
Ruggedness
A special protective bumper ensures the integrity of the
instrument even in rugged environments or when dropped
on the floor. The instrument comes in a hard-shell case
proving protection during transportation and shipment.
Control
The WA 200A can be connected through an Ethernet port
to Local Area Networks and allows signal monitoring and
data gathering or simply remotely controlling either via the
internal webserver which can be accessed by any browser
or through the integrated RESTful API. The WA 200A
supports both acquiring the IP address through DHCP and
setting a fixed address. The USB port allows time-stamped
data to be saved for later analysis when no network
is available.
The WA 200A integrates with Coherent’s well-known
WaveAnalyzer PC software. The WaveAnalyzer GUI serves
as PC based viewer for measurement traces collected on
the WA 200A.
Features
Applications
• Full C-band coverage
• Resolution bandwidth: 1.75 GHz
• Fast: 2 updates / second (typ.)
• Battery operated
• Remote Control via Ethernet
• Language support (incl. Japanese and Chinese)
• No moving parts
• System turn up and trouble shooting
• DWDM testing
• Channel power and OSNR testing
• Channel equalizing
• Lab, network and data center
In-built Signal Analysis
The WA 200A provides full channel analysis of 50 and 100
GHz channels, as well as supporting proposed non-stan-
dard channel spacings such as 37.5 GHz for future high-ca-
pacity 400 Gb/s interconnects. Reporting includes channel
power, center frequency and OSNR measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com