Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WA-00400A-RACK-KIT Datasheet(PDF) 6 Page - Coherent Corp

Part # WA-00400A-RACK-KIT
Description  Family of Optical Spectrum Analyzers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

WA-00400A-RACK-KIT Datasheet(HTML) 6 Page - Coherent Corp

Back Button WA-00400A-RACK-KIT Datasheet HTML 2Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 3Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 4Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 5Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 6Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 7Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 8Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 9Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 10Page - Coherent Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
WAVEANALYZER™
WaveAnalyzer 400A
Optical Spectrum Analyzer
The WaveAnalyzer 400A is a compact Optical Spectrum Analyzer for
testing optical signals in the C-, in the Super C- and in the C+L band of
optical communications. The instrument has been designed for Research
& Development purposes as well as for Production Applications.
• The WA 400A uses coherent detection technology and can display the
x- and the y-Polarization separately.
• The instrument is very compact with only half a rack width and a height
of 1U.
• The detachable sub-panel on the front allows easy cleaning of the
internal connector.
The WA 400A can be connected through an Ethernet port to Local Area
Networks and allows signal monitoring and data gathering or simply
remotely controlling either via the internal webserver which can be
accessed by any browser or through the integrated RESTful Application
Programming Interface (API). The WA 400A supports both acquiring the IP
address through DHCP and setting a fixed address.
Features
Applications
• Product versions available for
· C-band
· Super C-band
· C+L band
• Resolution bandwidth: 650 MHz (typ.)
• Fast: 2 scans / second (typ.)
• Dual Polarization detection
• Ethernet Interface
• Internal WebServer
• Compact, no moving parts
• Optical system test
• DWDM testing
• Channel power and OSNR testing
• Production floor: High throughput
• component test
192.6
192.65
192.7
192.75
192.8
192.85
192.9
192.95
193
193.05
193.1
Frequency (THz)
-60
-50
-40
-30
-20
-10
0
50 GHz spaced 10G DWDM channels modulated with a PRBS of 231-1 bits.
The high resolution capability of the WA 400A allows accurate measurement
of the noise floor between the channels.
The WA 400A integrates with Coherent’s well-known
WaveAnalyzer PC software. This package offers a variety
of analysis functions including Optical Signal to Noise
Ratio (OSNR) measurement, Side Mode Suppression
Ratio (SMSR) measurement, Multi-Channel (WDM-)
Analysis, Peak detection, etc.
The WA 400A offers a resolution bandwidth down to
650 MHz (Full Width Half Maximum). This allows display
of fine spectral details like modulation sidebands as well
as measurement of the noise floor between densely
spaced channels – as shown in the measurement trace
below. The coherent detection technology of the instru-
ment provides separate measurements of the x- and the
y-polarization – supporting analysis of dual polarization
transmission schemes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com