Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WA-00400A-RACK-KIT Datasheet(PDF) 8 Page - Coherent Corp

Part # WA-00400A-RACK-KIT
Description  Family of Optical Spectrum Analyzers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

WA-00400A-RACK-KIT Datasheet(HTML) 8 Page - Coherent Corp

Back Button WA-00400A-RACK-KIT Datasheet HTML 4Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 5Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 6Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 7Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 8Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 9Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 10Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 11Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 12Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
WAVEANALYZER™
WaveAnalyzer 1500S
High Resolution Optical Spectrum Analyzer
The WaveAnalyzer 1500S Optical Spectrum Analyzer is a real-time,
very-high-resolution optical spectrum analyzer for R&D and production
test applications. Based on Coherent’s fast-stepping solid-state laser, the
WA 1500S uses coherent detection techniques to achieve an outstanding
combination of resolution, dynamic range and measurement speed. Instru-
ment versions are available for C- and L-bands.
This next-generation Optical Spectrum Analyzer provides spectral
measurements with sub-pm resolution at an update rate of 4 measure-
ments per second across the entire C- or L-band. Scanning across smaller
spectral regions is even faster, with update rates of over 10 measurements
per second across any 200 GHz window, enabling interactive adjustment of
optical components and systems.
The WaveAnalyzer’s coherent receiver provides polarization resolved data
of the signal while its two input ports, for different power levels, ensures
coverage of a large range of optical input signals. Low power single
channel signals can be analyzed as accurately as high power WDM signals.
The WA 1500S is very compact and rugged, as it contains no moving parts.
It is controlled using a USB or Ethernet connection to a Windows-based
computer which runs Coherent’s WaveAnalyzer software package.
Features
Applications
• High spectral resolution
• Real time measurement
• Instrument versions for C-band and for L-band available
• Update rate:
· 4 Hz for full C- or L-band scan
· 10 Hz for scan across any 200 GHz window
• Spurious-free dynamic range > 50 dB
• External trigger
• Internal web server
• High-resolution spectral analysis on optical components
• OSNR measurements
• Modulation analysis on optical signals
• Modulator test
• Modulator bias and polarization adjustments
• Transceiver test
• Side-mode Suppression Ratio (SMSR) measurements
• Network monitoring
• General purpose spectral analysis in optical labs
Block diagram of WaveAnalyzer 1500S system
Windows
based PC
Stepping
Local
Oscillator
Optical Input “3 dBm max”
Optical Input “23 dBm max”
Control and Signal Processing Electronics
Ethernet, USB
or
WaveAnalyzer
API
WaveAnalyzer DLL
WaveAnalyzer GUI or User-sofware
Coherent
Receiver
A/D
Converters
Any computing
platform
HTTP commands
Web-Browser
or
User-software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com