Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WA-00400A-RACK-KIT Datasheet(PDF) 7 Page - Coherent Corp

Part # WA-00400A-RACK-KIT
Description  Family of Optical Spectrum Analyzers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

WA-00400A-RACK-KIT Datasheet(HTML) 7 Page - Coherent Corp

Back Button WA-00400A-RACK-KIT Datasheet HTML 3Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 4Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 5Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 6Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 7Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 8Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 9Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 10Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 11Page - Coherent Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
WAVEANALYZER™
WA 400A / C-band
WA 400A / Super C-band
WA 400A / C+L band
Spectral
Frequency Range
191.1 to 196.2 THz
(1527.8 to 1568.8 nm)
190.623 to 196.727 THz
(1523.9 to 1572.7 nm)
186.2 to 196.2 THz
(1527.8 to 1610.05 nm)
Resolution Bandwidth
(FWHM)
650 MHz (typical)
Absolute Frequency
Accuracy (1)
+/- 1 GHz
Frequency Repeatability
(sweep to sweep)
200 MHz
Measurement Update Rate
Full scan
2 updates / s (typical)
Power
Max Total Power
26 dBm
29 dBm
Max Power Density
+11.5 dBm / 1.75 GHz
+14.5 dBm / 1.75 GHz
Noise floor
-57.5 dBm / 1.75 GHz
-54.5 dBm / 1.75 GHz
Relative Power Accuracy
+/-0.5 dB (2)
Mechanical,
Electrical &
Environment
Operating Temperature
15°C to 35°C
Operating Humidity
10% to 85%
Communications Interface
Ethernet
Power Consumption
100 V - 240 V; <20 VA
Connector Type
FC/APC, SC/APC
Size (Benchtop)
(width x depth x height)
221 mm x 221 mm x 44 mm (height with feet: 51 mm)
Weight
1.5 kg
Notes:
(1) Valid within recommended recalibration period
(2) Guaranteed when using an ASE source and setting Resolution Bandwidth to 1.75 GHz
Model
Order Code
Description
Wavelength Band
Housing Type
Connector Type
WaveAnalyzer 400A
WA-00400A-C-S-1-AA-00
Optical Spectrum Analyzer
C-band
Benchtop
FC/APC
WA-00400A-C-S-6-AA-00
Optical Spectrum Analyzer
C-band
Benchtop
SC/APC
WA-00400A-D-S-1-AA-00
Optical Spectrum Analyzer
Super C-band
Benchtop
FC/APC
WA-00400A-D-S-6-AA-00
Optical Spectrum Analyzer
Super C-band
Benchtop
SC/APC
WA-00400A-X-S-1-AA-00
Optical Spectrum Analyzer
C+L band
Benchtop
FC/APC
WA-00400A-X-S-6-AA-00
Optical Spectrum Analyzer
C+L band
Benchtop
SC/APC
WA-00400A-RACK-KIT
Rack-Mount brackets for conversion of Benchtop WA 400A to Rack-Mount
Rack-Mount option available upon request. Please contact your local sales partner or waveanalyzer@finisar.com.
WaveAnalyzer 400A Specifications (preliminary)
Specifications are guaranteed except where stated as typical (typ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com