Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WA-00400A-RACK-KIT Datasheet(PDF) 10 Page - Coherent Corp

Part # WA-00400A-RACK-KIT
Description  Family of Optical Spectrum Analyzers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

WA-00400A-RACK-KIT Datasheet(HTML) 10 Page - Coherent Corp

Back Button WA-00400A-RACK-KIT Datasheet HTML 4Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 5Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 6Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 7Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 8Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 9Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 10Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 11Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 12Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
WAVEANALYZER™
Measurement
The WA 1500S supports spectral measurement applications in various domains, including communications and pulsed
lasers, as shown in the examples below.
-80
-70
-60
-50
-40
-30
-20
-10
0
192.95
193
193.05
193.1
193.15
193.2
193.25
193.3
193.35
193.4
193.45
193.525
Frequency (THz)
OSA (RBW 30pm)
WaveAnalyzer (RBW 1pm)
Ch1
Ch2
P
I + PII
-80
-70
-60
-50
-40
-30
-20
-10
0
193.350
193.400
193.450
193.300
Frequency (THz)
-60
-50
-40
-30
-20
-10
193.30
193.35
193.40
193.45
193.50
193.55
193.60
Frequency (THz)
Frequency (THz)
Ch1
Ch2
P
I
P
II
-80
-70
-60
-50
-40
-30
-20
-10
0
193.350
193.400
193.450
193.300
-70
-60
-50
-40
-30
-20
-10
0
193.00
193.40
193.80
194.20
194.60
195.00
195.40
Frequency (THz)
10G channels, 50GHz spaced, with various modulation formats
10 Gb/s NRZ
4 channel 100G DQPSK
40 GHz mode-locked laser
Measurement taken on 4 channels of a
dual polarization DQPSK signal, spaced by 50 GHz
Spectral details of the mode-structure of a 40 GHz mode-locked laser. The
real-time update rate supports precise adjustment of the laser cavity.
Two 10 Gb/s channels separated by 50 GHz; Channel 1 being
attenuated by 20 dB. The graph top shows the sum of the two
polarization components, whereas the graph right displays the
polarization components PI and PII separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com