Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WA-00400A-RACK-KIT Datasheet(PDF) 5 Page - Coherent Corp

Part # WA-00400A-RACK-KIT
Description  Family of Optical Spectrum Analyzers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

WA-00400A-RACK-KIT Datasheet(HTML) 5 Page - Coherent Corp

  WA-00400A-RACK-KIT Datasheet HTML 1Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 2Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 3Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 4Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 5Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 6Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 7Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 8Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 9Page - Coherent Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
WAVEANALYZER™
Spectral
Frequency Range
191.1 to 196.2 THz (1527.8 to 1568.8 nm)
Spectral Sampling Resolution
312.5 MHz
Resolution Bandwidth (FWHM)
1.75 GHz (15 pm)
Absolute Frequency Accuracy (1)
+/- 1 GHz
Frequency Repeatability (sweep to sweep)
200 MHz
Measurement Update Rate Full C-band scan
2 updates / s (typical)
Power
Max Total Power
27 dBm
Max Power Density
+11.5 dBm / 1.75 GHz
Noise floor
-58.5 dBm / 1.75 GHz
Relative Power Accuracy
+/-0.5 dB (2)
Mechanical, Electrical and
Environment
Operating Temperature
5°C to 35°C
Operating Humidity
10% to 85%
Communications Interface
Ethernet, USB 2.0 (master)
Power Consumption (3)
100 V - 240 V; 40 VA
Connector Type
FC/APC, LC/UPC
Size
Instrument only
instrument including protective bumper
255 mm x 140 mm x 30 mm
273 mm x 168 mm x 50 mm
Weight
Instrument only
instrument including protective bumper
1.25 kg
1.5 kg
Notes:
(1) Valid within recommended recalibration period
(2) Guaranteed when using an ASE source
(3) Condition: Battery is charging and instrument is operated
Part Number
Description
WA-00200A-C-P-1-AA-00
WaveAnalyzer 200A Portable Optical Spectrum Analyzer, C-Band, FC-APC Connector
WA-00200A-C-P-4-AA-00
WaveAnalyzer 200A Portable Optical Spectrum Analyzer, C-Band, LC-PC Connector
WaveAnalyzer 200A Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com