Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WA-00400A-RACK-KIT Datasheet(PDF) 9 Page - Coherent Corp

Part # WA-00400A-RACK-KIT
Description  Family of Optical Spectrum Analyzers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

WA-00400A-RACK-KIT Datasheet(HTML) 9 Page - Coherent Corp

Back Button WA-00400A-RACK-KIT Datasheet HTML 4Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 5Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 6Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 7Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 8Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 9Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 10Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 11Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 12Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
WAVEANALYZER™
WaveAnalyzer 1500B
High Resolution Optical Spectrum Analyzer with sub-pm absolute
wavelength accuracy
The new WaveAnalyzer 1500B has been optimized for transceiver test
applications. It includes a frequency reference unit which ensures an
absolute frequency accuracy of better than 100 MHz (which is about
0.8 pm). Both, the C and the L Band od optical communications are
covered in a single unit in a seamless way. The instrument provides
measurement update rates of up to 10 measurement sweeps per
second.
The optical characteristics are similar or superiour to the
WaveAnalyzer 1500S.
The WaveAnalyzer 1500B has been designed for transceiver test
applications. It allows verifying various parameters which previously
required using multiple instruments:
• The spectral shape of the signal is measured with a very fine resolution bandwidth of about 180 MHz so that any
remaining carriers, modulation sidebands etc can be identified.
• The precise measurement of the spectral shape in combination with the low noise floor allow accurate Optical
Signal to Noise Ratio (OSNR) measurements – eliminating the need of using a separate instrument for this
parameter.
• The absolute frequency accuracy of less than 100 MHz enables frequency verification of the transceivers without
using an additional wavelength meter – as it has been done in traditional setups
• The high measurement repittion rate of up to 10 sweeps per second ensures high throughput of devices on the
manufacturing floor
Features
(in addition to the ones listed under WA 1500S):
Applications
(in addition to the ones listed under WA 1500S):
• C+L Band coverage in one instrument
• Absolute Frequency accuracy of 100 MHz
• Detachable sub front-panel for easy connector cleaning
• Transceiver test
• iTLA calibration
Block diagram of WaveAnalyzer 1500B system
Windows
based PC
Optical Input
Control and Signal Processing, Web Server
Ethernet, USB
or
or
WaveAnalyzer GUI
Coherent
Receiver
A/D
Converters
Any
computing
platform
HTTP based RESTful API
Any
computing
platform
Web Browser GUI
Stepping Local Oscillator
with frequency reference unit
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com