Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WA-00400A-RACK-KIT Datasheet(PDF) 11 Page - Coherent Corp

Part # WA-00400A-RACK-KIT
Description  Family of Optical Spectrum Analyzers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

WA-00400A-RACK-KIT Datasheet(HTML) 11 Page - Coherent Corp

Back Button WA-00400A-RACK-KIT Datasheet HTML 4Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 5Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 6Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 7Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 8Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 9Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 10Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 11Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 12Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
WAVEANALYZER™
Model
WA 1500S / C-Band
WA 1500S / L-Band
WA 1500B / X
Spectral
Frequency Range
191.05 to 196.35 THz
(1526.8 to 1569.1 nm)
186.0 to 191.05 THz
(1569.1 to 1611.7 nm)
185.90 to 196.35 THz
(1526.8 to 1612.6 nm)
Spectral Sampling
Resolution
20 MHz
Resolution Bandwidth
(FWHM)
180 MHz (typ.)
Absolute Frequency
Accuracy (1)
+/- 500 MHz
+/- 100 MHz
Frequency Repeatability
(sweep to sweep)
50 MHz
+/- 40 MHz
Measurement Update
Rate (2):
Full C- or L- band scan: 4 updates / s
Scan across any 200 GHz window: 10 updates / s
Full C+L scan: 2 updates / s
Full C- or L-band scan: 4 updates / s
Scan across any 200 GHz window:
10 updates / s
Power
Max Total Power
23 dBm (3 dBm for “3 dBm max” optical input)
23 dBm
Max Power Density
0 dBm / 20 MHz
Relative Power Accuracy
+/-0.2 dB (4)
Spurious Free Dynamic
Range (1)
> 50 dB
Close-In Dynamic Range (5)
> 38 dB @ +/- 2 GHz
Mechanical,
Electrical
and
Environment
Operating Temperature
15°C to 35°C
Operating Humidity
10% to 85%
Communications Interface
USB 2.0, Ethernet
Trigger Input
TTL (SMA)
Trigger Output
TTL (SMA)
Power Consumption
100 V - 240 V; 20 VA
Connector Type
FC/APC
Size
241 mm x 88 mm x 316 mm
241 mm x 88 mm x 375.5 mm
Weight
< 4 kg
< 4.5 kg
Notes:
(1) Valid within recommended recalibration period
(2) Requires a PC with at least an i7 processor or equivalent and a Gigabit Ethernet connection
(3) Specifications valid on the “23 dBm max“ optical port, except where stated differently
(4) Guaranteed when using an ASE source
(5) When measuring on one optical channel
(6) Specifications for the WaveAnalyzer 1500B are preliminary
Part Number
Description
WA-AA-1500S-ZZ-H
WaveAnalyzer 1500S, bench-top, C-band
WA-AA-1500S-RM-H
WaveAnalyzer 1500S, rack-mount, C-band
WA-AA-1500S-L-H
WaveAnalyzer 1500S, bench-top, L-band
WA-AA-1500S-LR-H
WaveAnalyzer 1500S, rack-mount, L-band
WA-01500B-X-S-1-AA-01
WaveAnalyzer 1500B, Benchtop, C+L band, Gas-Absorption Cell
WA-01500B-X-R-1-AA-01
WaveAnalyzer 1500B, Rackmount, C+L band, Gas-Absorption Cell
WaveAnalyzer 1500S and 1500B Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com