Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WA-00400A-RACK-KIT Datasheet(PDF) 12 Page - Coherent Corp

Part # WA-00400A-RACK-KIT
Description  Family of Optical Spectrum Analyzers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

WA-00400A-RACK-KIT Datasheet(HTML) 12 Page - Coherent Corp

Back Button WA-00400A-RACK-KIT Datasheet HTML 4Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 5Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 6Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 7Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 8Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 9Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 10Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 11Page - Coherent Corp WA-00400A-RACK-KIT Datasheet HTML 12Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
WAVEANALYZER™
© 2025 Coherent Corp.
Legal notices : Coherent.com/legal
sales@coherent.com
www.coherent.com
Additional Resources
Visit https://www.coherent.com/networking/optical-instrumentation for the latest product information, news and
software for the WaveAnalyzer product family.
WaveAnalyzer Demonstration on YouTube
Watch product demo at: https://www.youtube.com/user/iiviincorporated
6-point OSNR measurement
Multi Channel Analysis
WaveAnalyzer GUI
Measurement Analysis Functions
The PC based GUI package offers various analysis functions:
The 3-point-measurement allows very simple and quick OSNR
measurements using the traditional approach in which a 0.1nm resolu-
tion bandwidth measurement scan is taken from which the noise and
the signal powers are estimated.
The advanced 6-point-measurement allows OSNR measurements
even between densely spaced channels, see figure on the right. The
measurement bands can be precisely adjusted to capture the noise
floor and the signal accurately.
The polarization extinction ratio method allows in-band OSNR
measurements, provided the optical signal is single polarization only
(which can be verified with the WaveAnalyzer instrument).
The sequential measurement method supports in-band OSNR
measurements of dual-polarization signals.
The Multi Channel Analysis function provides measurements of the
OSNR, channel power and channel center frequency of all channels
simultaneously with an update rate of up to 10 Hz, depending on
scan range. For documentation or further analysis, the results can be
exported in a table.
The Wavelength Meter function provides fast measurements of the
power and the wavelength of multiple narrow band signals. It can
measure several hundred lines simultaneously and provides a wave-
length accuracy which is similar to dedicated wavelength meters.
The WaveAnalyzer GUI contains a powerful marker scheme which
supports further analysis capabilities, like peak detection, display
of difference frequencies and integrated power in user definable
frequency ranges.
The WaveAnalyzer 1500S/1500B includes a trigger scheme which
supports taking gated measurements. This enables, for example, taking
spectral measurements of signals traveling in recirculating loops.
HTTP based programming interface
The WaveAnalyzer family offers a RESTful HTTP based Application
Programming Interface (API).
Web server
The WaveAnalyzer instrument includes a Web Server GUI which
allows controlling the instrument and taking measurements with a
web browser.
Wavelength Meter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com