Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL854102DEMO2Z Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL854102DEMO2Z
Description  Wide VIN 1.2A Synchronous Buck Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL854102DEMO2Z Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL854102DEMO2Z Datasheet HTML 1Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 2Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 3Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 4Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ISL854102
FN8870 Rev.1.00
Page 3 of 21
Mar 15, 2019
Pin Configuration
12 LD 4x3 DFN
TOP VIEW
VCC
EN
VIN
FB
PHASE
BOOT
COMP
1
2
3
4
5
12
11
10
9
8
PG
SS
FS
PGND 6
GND
7
SYNC
Pin Descriptions
PIN NUMBER
SYMBOL
PIN DESCRIPTION
1
SS
Controls the soft-start ramp time of the output. A single capacitor from the SS pin to ground determines the
output ramp rate. See “Soft-Start” on page 13 for soft-start details. If the SS pin is tied to VCC, an internal
soft-start of 2ms is used.
2
SYNC
Synchronization and light load operational mode selection input. Connect to logic high or VCC for PWM
mode. Connect to logic low or ground for PFM mode. Logic ground enables the IC to automatically choose
PFM or PWM operation. Connect to an external clock source for synchronization with positive edge trigger.
The sync source must be higher than the programmed IC frequency. An internal 5MΩ pull-down resistor
prevents an undefined logic state if SYNC is left floating.
3
BOOT
Floating bootstrap supply pin for the power MOSFET gate driver. The bootstrap capacitor provides the
necessary charge to turn on the internal N-Channel MOSFET. Connect an external 100nF capacitor from this
pin to PHASE.
4
VIN
The input supply for the power stage of the regulator and the source for the internal linear bias regulator.
Place a minimum of 4.7µF ceramic capacitance from VIN to GND and close to the IC for decoupling.
5
PHASE
Switch node output. It connects the switching FETs with the external output inductor.
6
PGND
Power ground connection. Connect directly to the system GND plane.
7
EN
Regulator enable input. The regulator and bias LDO are held off when the pin is pulled to ground. When the
voltage on this pin rises above 1V, the chip is enabled. Connect this pin to VIN for automatic start-up. Do not
connect the EN pin to VCC because the LDO is controlled by EN voltage.
8
PG
Open-drain, power-good output that is pulled to ground when the output voltage is below regulation limits or
during the soft-start interval. There is an internal 5MΩ internal pull-up resistor.
9
VCC
Output of the internal 5V linear bias regulator. Decouple to PGND with a 1µF ceramic capacitor at the pin.
10
FB
Feedback pin for the regulator. FB is the inverting input to the voltage loop error amplifier. COMP is the
output of the error amplifier. The output voltage is set by an external resistor divider connected to FB. In
addition, the PWM regulator’s power-good and UVLO circuits use FB to monitor the regulator output voltage.
11
COMP
COMP is the output of the error amplifier. When it is tied to VCC, internal compensation is used. When only
an RC network is connected from COMP to GND, external compensation is used. See “Loop Compensation
Design” on page 16 for more details.
12
FS
Frequency selection pin. Tie to VCC for 500kHz switching frequency. Connect a resistor to GND for adjustable
frequency from 300kHz to 2MHz.
EPAD
GND
Signal ground connections. Connect to the application board GND plane with at least five vias. All voltage
levels are measured with respect to this pin. The EPAD MUST NOT float.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com