Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL854102DEMO2Z Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL854102DEMO2Z
Description  Wide VIN 1.2A Synchronous Buck Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL854102DEMO2Z Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL854102DEMO2Z Datasheet HTML 13Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 14Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 15Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 16Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 17Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 18Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 19Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 20Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
ISL854102
FN8870 Rev.1.00
Page 20 of 21
Mar 15, 2019
Package Outline Drawing
L12.4x3
12 LEAD DUAL FLAT NO-LEAD PLASTIC PACKAGE
Rev 3, 3/15
1.70 +0.10/-0.15
12 X 0.40 ±0.10
12
0.10
12 x 0.23 +0.07/-0.05
4
7
AB
C
M
PIN #1 INDEX AREA
6
1
2X 2.50
6
10X 0.50
3.30 +0.10/-0.15
TYPICAL RECOMMENDED LAND PATTERN
DETAIL "X"
TOP VIEW
BOTTOM VIEW
SIDE VIEW
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance: Decimal ± 0.05
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension applies to the metallized terminal and is measured
Dimensions in ( ) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
(4X)
0.15
3.00
INDEX AREA
6
PIN 1
4.00
B
A
1.00 MAX
SEE DETAIL "X"
C
SEATING PLANE
0.08 C
0.10 C
(3.30)
2.80
(10X 0.5)
(12 X 0.23)
(1.70)
12 X 0.60
0.2 REF
C
0. 05 MAX.
0. 00 MIN.
5
Compliant to JEDEC MO-229 V4030D-4 issue E.
7.
1
6
712
Tiebar shown (if present) is a non-functional feature and
may be located on any of the 4 sides (or ends).
For the most recent package outline drawing, see L12.4x3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com