Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL854102DEMO2Z Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL854102DEMO2Z
Description  Wide VIN 1.2A Synchronous Buck Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL854102DEMO2Z Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL854102DEMO2Z Datasheet HTML 3Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 4Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 9Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 10Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ISL854102
FN8870 Rev.1.00
Page 7 of 21
Mar 15, 2019
Absolute Maximum Ratings
Thermal Information
VIN to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +43V
PHASE to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VIN + 0.3V (DC)
PHASE to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2V to +44V (20ns)
EN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +43V
BOOT to PHASE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +5.5V
COMP, FS, PG, SYNC, SS, VCC to GND . . . . . . . . . . . . . . . . . . -0.3V to +5.9V
FB to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +2.95V
ESD Rating
Human Body Model (Tested per JESD22-A114) . . . . . . . . . . . . . . . . . 2kV
Charged Device Model (Tested per JESD22-C101E). . . . . . . . . . . . .1.5kV
Latch-Up (Tested per JESD-78A; Class 2, Level A) . . . . . . . . . . . . 100mA
Thermal Resistance
JA (°C/W) JC (°C/W)
DFN Package (Notes 5, 6) . . . . . . . . . . . . . .
42
4.5
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . .+150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +3V to +40V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions can adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5.
JA is measured in free air with the component mounted on a high-effective thermal conductivity test board with “direct attach” features. See TB379
for details.
6. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications TA = -40°C to +125°C, VIN = 3V to 40V, unless otherwise noted. Typical values are at TA = +25°C. Boldface
limits apply across the junction temperature range, -40°C to +125°C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 9)TYP
MAX
(Note 9)UNIT
SUPPLY VOLTAGE
VIN Voltage Range
VIN
340
V
VIN Quiescent Supply Current
IQ
VFB = 0.7V, SYNC = 0V, fSW = VCC
80
µA
VIN Shutdown Supply Current
ISD
EN = 0V, VIN = 40V (Note 7)2
4
µA
VCC Voltage
VCC
VIN = 6V, IOUT = 0 to 10mA
4.5
5.1
5.7
V
POWER-ON RESET
VCC POR Threshold
Rising edge
2.75
2.95
V
Falling edge
2.35
2.6
V
OSCILLATOR
Nominal Switching Frequency
fSW
FS pin = VCC
430
500
570
kHz
Resistor from the FS pin to GND = 340kΩ
240
300
360
kHz
Resistor from the FS pin to GND = 32.4kΩ
2000
kHz
Minimum Off-Time
tMIN_OFF VIN = 3V
150
ns
Minimum On-Time
tMIN_ON
(Note 10)90
ns
FS Voltage
VFS
RFS = 100kΩ
0.39
0.4
0.41
V
Synchronization Frequency
SYNC
300
2000
kHz
SYNC Pulse Width
100
ns
ERROR AMPLIFIER
Error Amplifier Transconductance Gain
gm
External compensation
165
230
295
µA/V
Internal compensation
50
µA/V
FB Leakage Current
VFB = 0.6V
1
150
nA
Current Sense Amplifier Gain
RT
0.46
0.5
0.54
V/A
FB Voltage
TA = -40°C to +85°C
0.590
0.599
0.606
V
TA = -40°C to +125°C
0.590
0.599
0.607
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com