Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL854102DEMO2Z Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL854102DEMO2Z
Description  Wide VIN 1.2A Synchronous Buck Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL854102DEMO2Z Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL854102DEMO2Z Datasheet HTML 10Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 11Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 12Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 13Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 14Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 15Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 16Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 17Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
ISL854102
FN8870 Rev.1.00
Page 14 of 21
Mar 15, 2019
Light Load Operation
At light loads, converter efficiency can be improved by enabling
variable frequency operation (PFM). Connecting the SYNC pin to
GND allows the controller to choose such operation
automatically when the load current is low. Figure 32 shows the
DCM operation. The IC enters DCM mode when eight consecutive
cycles of inductor current crossing zero are detected. This
corresponds to a load current equal to 1/2 the peak-to-peak
inductor ripple current and set by Equation 2:
where D = duty cycle, fSW = switching frequency, L = inductor
value, IOUT = output loading current, and VOUT = output voltage.
While operating in PFM mode, the regulator controls the output
voltage with a simple comparator and pulsed FET current. A
comparator indicates the point at which FB is equal to the
600mV reference, at which time the regulator begins providing
pulses of current until FB is moved above the 600mV reference
by 1%. The current pulses are approximately 400mA and are
issued at a frequency equal to the converter’s programmed PWM
operating frequency.
Due to the pulsed current nature of PFM mode, the converter can
supply limited current to the load. If load current rises beyond the
limit, VOUT begins to decline. A second comparator signals an FB
voltage 2% lower than the 600mV reference and forces the
converter to return to PWM operation.
Output Voltage Selection
The regulator output voltage is programmed using an external
resistor divider to scale VOUT relative to the internal reference
voltage. The scaled voltage is applied to the inverting input of the
error amplifier; see Figure 34.
The output voltage programming resistor, R3, depends on the
value chosen for the feedback resistor, R2, and the needed
output voltage, VOUT, of the regulator. Equation 3 describes the
relationship between VOUT and resistor values.
If the needed output voltage is 0.6V, then R3 is left unpopulated
and R2 is 0Ω.
Protection Features
The ISL854102 is protected from overcurrent, negative
overcurrent, and over-temperature. The protection circuits
operate automatically.
FIGURE 32. DCM MODE OPERATION WAVEFORMS
CLOCK
IL
VOUT
0
8 CYCLES
PWM
DCM
PWM
LOAD CURRENT
PULSE SKIP
DCM
FIGURE 33. PWM OPERATION WAVEFORMS
VCOMP
VCSA
DUTY
CYCLE
IL
VOUT
OUT
VOUT 1D
–

2L fSW
-----------------------------------
=
(EQ. 2
R3
R2x0.6V
VOUT 0.6V
–
----------------------------------
=
(EQ. 3)
R2
R3
0.6V
EA
REFERENCE
VOUT
FIGURE 34. EXTERNAL RESISTOR DIVIDER
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com