Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL854102DEMO2Z Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL854102DEMO2Z
Description  Wide VIN 1.2A Synchronous Buck Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL854102DEMO2Z Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL854102DEMO2Z Datasheet HTML 4Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 9Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 10Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 11Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ISL854102
FN8870 Rev.1.00
Page 8 of 21
Mar 15, 2019
POWER-GOOD
Lower PG Threshold - VFB Rising
90
94
%
Lower PG Threshold - VFB Falling
82.5
86
%
Upper PG Threshold - VFB Rising
116.5
120
%
Upper PG Threshold - VFB Falling
107
112
%
PG Propagation Delay
Percentage of the soft-start time
10
%
PG Low Voltage
ISINK = 3mA, EN = VCC, VFB = 0V
0.05
0.3
V
TRACKING AND SOFT-START
Soft-Start Charging Current
ISS
4.2
5.5
6.5
µA
Internal Soft-Start Ramp Time
EN/SS = VCC
1.5
2.4
3.4
ms
FAULT PROTECTION
Thermal Shutdown Temperature
TSD
Rising threshold
150
°C
THYS
Hysteresis
20
°C
Current Limit Blanking Time
tOCON
17
Clock
pulses
Overcurrent and Auto Restart Period
tOCOFF
8
SS cycle
Positive Peak Current Limit
IPLIMIT
(Note 8)
1.4
1.6
1.8
A
PFM Peak Current Limit
IPK_PFM
0.34
0.4
0.5
A
Zero Cross Threshold
15
mA
Negative Current Limit
INLIMIT
(Note 8)
-0.67
-0.6
-0.53
A
POWER MOSFET
High-Side
RHDS
IPHASE = 100mA, VCC = 5V
250
350
mΩ
Low-Side
RLDS
IPHASE = 100mA, VCC = 5V
90
130
mΩ
PHASE Leakage Current
EN = PHASE = 0V
300
nA
PHASE Rise Time
tRISE
VIN = 40V
10
ns
EN/SYNC
Input Threshold
Falling edge, logic low
0.4
1V
Rising edge, logic high
1.2
1.4
V
EN Logic Input Leakage Current
EN = 0V/40V
-0.5
0.5
µA
SYNC Logic Input Leakage Current
SYNC = 0V
10
100
nA
SYNC = 5V
1.0
1.55
µA
NOTES:
7. Test condition: VIN = 40V, FB forced above regulation point (0.6V), switching and power MOSFET gate charging current not included.
8. Established by both current sense amplifier gain test and current sense amplifier output test at IL = 0A.
9. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
10. Minimum on-time required to maintain loop stability.
Electrical Specifications TA = -40°C to +125°C, VIN = 3V to 40V, unless otherwise noted. Typical values are at TA = +25°C. Boldface
limits apply across the junction temperature range, -40°C to +125°C (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 9)TYP
MAX
(Note 9)UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com