Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL854102DEMO2Z Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ISL854102DEMO2Z
Description  Wide VIN 1.2A Synchronous Buck Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL854102DEMO2Z Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ISL854102DEMO2Z Datasheet HTML 13Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 14Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 15Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 16Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 17Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 18Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 19Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 20Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
ISL854102
FN8870 Rev.1.00
Page 17 of 21
Mar 15, 2019
Figure 37 shows the type II compensator and its transfer function
is expressed as shown in Equation 10:
where:
Compensator design goal:
•High DC gain
• Choose loop bandwidth fc less than 100kHz
• Gain margin: >10dB
• Phase margin: >40°
The compensator design procedure is as follows:
The loop gain at crossover frequency of fc has a unity gain.
Therefore, the compensator resistance R6 is determined by
Equation 11.
where GM is the transconductance, gm, of the voltage error
amplifier in each phase. Compensator capacitor C6 is then given
by Equation 12.
Put one compensator pole at zero frequency to achieve high DC
gain, and put another compensator pole at either ESR zero
frequency or half switching frequency, whichever is lower in
Equation 12. An optional zero can boost the phase margin.
CZ2
is a zero due to R2 and C3.
Put compensator zero 2 to 5 times fc.
Example: VIN = 12V, VO = 5V, IO = 1.2A, fSW = 500kHz,
R2 = 90.9kΩ, Co = 22µF/5mΩ, L = 39µH, fc = 50kHz, then
compensator resistance R6:
It is acceptable to use 124kΩ as the closest standard value for
R6.
It is also acceptable to use the closest standard values for C6 and
C7. There is approximately 3pF parasitic capacitance from VCOMP
to GND; Therefore, C7 is optional. Use C6 = 1500pF and
C7 =OPEN.
Use C3 = 68pF. Note that C3 may increase the loop bandwidth
from previous estimated value. Figure 38 shows the simulated
voltage loop gain. It is shown that it has a 75kHz loop bandwidth
with a 61° phase margin and 6dB gain margin. It may be more
desirable to achieve an increased gain margin, which can be
accomplished by lowering R6 by 20% to 30%. In practice,
ceramic capacitors have significant derating on voltage and
temperature, depending on the type. See the ceramic capacitor
datasheet for more details.
-
+
R6
V
V
Vo
GM
V
C7
-
+
C6
VREF
VFB
Vo
VCOMP
FIGURE 37. TYPE II COMPENSATOR
C3
R2
R3
Av S

vˆCOMP
vˆFB
--------------------
GM R3
C6 C7
+
 R
2
R3
+

--------------------------------------------------------
1
S
cz1
-------------
+

 1
S
cz2
-------------
+


S1
S
cp1
-------------
+

 1
S
cp2
-------------
+


---------------------------------------------------------------
=
=
(EQ. 10)
cz1
1
R6C6
---------------
cz2
1
R2C3
---------------
=
cp1
C6 C7
+
R6C6C7
-----------------------
cp2
R2 R3
+
C3R2R3
-----------------------
=
=
,
=
R6
2
f
cVoCoRt
GM VFB
----------------------------------
22.75
3
10
fcVoCo
==
(EQ. 11)
C6
RoCo
R6
---------------
VoCo
IoR6
--------------- C7 max
RcCo
R6
---------------
1
f
SWR6
----------------------
(,
)
=
,
=
=
(EQ. 12)
C3
1
f
cR2
----------------
=
(EQ. 13)
R6
22.75
3
10
50kHz 5V 22
F
125.12k
==
(EQ. 14)
C6
5V 22
F
1A 124k
------------------------------
0.88nF
=
=
(EQ. 15)
C7 max
5m
 22F
124k
---------------------------------
1
 500kHz 124k

----------------------------------------------------
(,
)
0.88pF 5.1pF
(,
)
=
=
(EQ. 16)
C3
1
 50kHz 90.9k

--------------------------------------------------
=
70pF
=
(EQ. 17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com