Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL854102DEMO2Z Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ISL854102DEMO2Z
Description  Wide VIN 1.2A Synchronous Buck Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL854102DEMO2Z Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ISL854102DEMO2Z Datasheet HTML 11Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 12Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 13Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 14Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 15Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 16Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 17Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 18Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
ISL854102
FN8870 Rev.1.00
Page 15 of 21
Mar 15, 2019
Overcurrent Protection
During PWM on-time, current through the upper FET is monitored
and compared to a nominal 1.6A peak overcurrent limit. In the
event that current reaches the limit, the upper FET is turned off
until the next switching cycle. In this way, FET peak current is
always well limited.
If the overcurrent condition persists for 17 sequential clock
cycles, the regulator begins its hiccup sequence. In this case,
both FETs are turned off and PG is pulled low. This condition is
maintained for eight soft-start periods, after which the regulator
attempts a normal soft-start.
if output fault persists, the regulator repeats the hiccup
sequence indefinitely. There is no danger even if the output is
shorted during soft-start.
If VOUT is shorted very quickly, FB may collapse below 5/8ths of
its target value before 17 cycles of overcurrent are detected. The
ISL854102 recognizes this condition and begins to lower its
switching frequency proportional to the FB pin voltage. This
adjustment ensures that the inductor does not run away under
any circumstance (even with VOUT near 0V).
Negative Current Limit
If an external source somehow drives current into VOUT, the
controller attempts to regulate VOUT by reversing its inductor
current to absorb the externally sourced current. If the external
source is low impedance, the current may be reversed to
unacceptable levels and the controller initiates its negative
current limit protection. Similar to normal overcurrent, the
negative current protection is realized by monitoring the current
through the lower FET. When the valley point of the inductor
current reaches negative current limit, the lower FET is turned off
and the upper FET is forced on until current reaches the Positive
current limit or an internal clock signal is issued. At this point, the
lower FET is allowed to operate. If the current is pulled to the
negative limit again on the next cycle, the upper FET is forced on
again and the current is forced to 1/6th of the positive current
limit. Next, the controller turns off both FETs and waits for COMP
to indicate a return to normal operation. During this time, the
controller applies a 100Ω load from PHASE to PGND and
attempts to discharge the output. Negative current limit is a
pulse-by-pulse style operation and recovery is automatic.
Over-Temperature Protection
Over-temperature protection limits maximum junction
temperature in the ISL854102. When junction temperature (TJ)
exceeds +150°C, both FETs are turned off and the controller
waits for the temperature to decrease by approximately 20°C.
During this time PG is pulled low. When temperature is within an
acceptable range, the controller initiates a normal soft-start
sequence. For continuous operation, do not exceed the +125°C
junction temperature rating.
Boot Undervoltage Protection
If the boot capacitor voltage falls below 1.8V, the boot
undervoltage protection circuit turns on the lower FET for 400ns
to recharge the capacitor. This operation may arise during long
periods of no switching such as PFM no load situations. In PWM
operation near dropout (VIN near VOUT), the regulator can hold
the upper FET on for multiple clock cycles. To prevent the boot
capacitor from discharging, the lower FET is forced on for
approximately 200ns every 10 clock cycles.
Application Guidelines
Simplifying the Design
While the ISL854102 offers user programmed options for most
parameters, the easiest implementation with fewest
components involves selecting internal settings for SS, COMP,
and FS. Table 1 on page 4 provides component value selections
for a variety of output voltages and allows you to implement
solutions with a minimum of effort.
Operating Frequency
The ISL854102 operates at a default switching frequency of
500kHz if the FS pin is tied to VCC. Tie a resistor from the FS pin
to GND to program the switching frequency from 300kHz to
2MHz, as shown in Equation 4.
Where:
t is the switching period in µs.
Minimum On/Off-Time Limitation
Minimum on-time (tMIN_ON) is the shortest duration of time that
the HS FET can be turned on and minimum off time (tMIN_OFF) is
the shortest duration of time that the HS FET can be turned off.
The typical tMIN_ON is 90ns and the typical tMIN_OFF is 150ns.
For a given tMIN_ON and tMIN_OFF, a higher switching frequency
results in a narrower range of allowed duty cycle, which
translates to a smaller allowed VIN range.
For a given output voltage (VOUT) and switching frequency (fSW),
the maximum allowed voltage is given by (Equation 5):
The minimum allowed voltage is given by (Equation 6):
RFS k

108.75k
 t
0.2
s  1s
–
=
(EQ. 4)
FIGURE 35. RFS SELECTION vs fSW
300
200
100
0
500
750
1000
1250
1500
1750
2000
fSW (kHz)
400
250
VIN max

VOUT
fSW tMIN_ON
---------------------------------------
=
(EQ. 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com