Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL854102DEMO2Z Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL854102DEMO2Z
Description  Wide VIN 1.2A Synchronous Buck Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL854102DEMO2Z Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL854102DEMO2Z Datasheet HTML 1Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 2Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 3Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 4Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
FN8870 Rev.1.00
Page 1 of 21
Mar 15, 2019
FN8870
Rev.1.00
Mar 15, 2019
ISL854102
Wide VIN 1.2A Synchronous Buck Regulator
DATASHEET
The ISL854102 is a 1.2A synchronous buck regulator with an
input range of 3V to 40V. It provides an easy-to-use, high
efficiency, low BOM count solution for a variety of applications.
The ISL854102 integrates both high-side and low-side NMOS
FETs and features a PFM mode for improved efficiency at light
loads. This feature can be disabled if a forced PWM mode is
needed. The ISL854102 switches at a default frequency of
500kHz; however, it can also be programmed using an
external resistor from 300kHz to 2MHz. The ISL854102 has
the ability to use internal or external compensation. By
integrating both NMOS devices and providing internal
configuration options, minimal external components are
required, which reduces the BOM count and design complexity.
With a wide VIN range and reduced BOM, the ISL854102
provides an easy to implement design solution for a variety of
applications while giving superior performance. The
ISL854102 provides a very robust design for high-voltage
industrial applications and an efficient solution for battery
powered applications.
The ISL854102 is available in a small Pb-free 4mmx3mm DFN
plastic package with a full-range industrial temperature of
-40°C to +125°C.
Related Literature
For a full list of related documents, visit our website:
• ISL854102 device page
Features
• Wide input voltage range: 3V to 40V
• Synchronous operation for high efficiency
• No compensation required
• Integrated high-side and low-side NMOS devices
• Selectable PFM or forced PWM mode at light loads
• Internal fixed frequency (500kHz) or adjustable switching
frequency (300kHz to 2MHz)
• Continuous output current up to 1.2A
• Internal or external soft-start
• Minimal external components required
• Power-good and enable functions available
Applications
• Industrial control
•Medical devices
•Portable instrumentation
• Distributed power supplies
• Cloud infrastructure
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. EFFICIENCY vs LOAD, PFM, VOUT = 5V, L1 = 22µH
GND
CBOOT
100nF
CFB
R3
R2
PHASE
SS
SYNC
BOOT
VIN
PGND
FS
COMP
FB
VCC
PG
EN
CVCC
1µF
CVIN
10µF
L1
22µH
1
2
3
4
5
6
9
10
11
12
INTERNAL DEFAULT PARAMETER SELECTION
COUT
10µF
VOUT
50
55
60
65
70
75
80
85
90
95
100
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2
OUTPUT LOAD (A)
VIN=12V
VIN=15V
VIN=24V


Similar Part No. - ISL854102DEMO2Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL854102 INTERSIL-ISL854102 Datasheet
743Kb / 19P
Wide VIN 1.2A Synchronous Buck Regulator
July 1, 2016
logo
Renesas Technology Corp
ISL854102 RENESAS-ISL854102 Datasheet
1Mb / 19P
Wide VIN 1.2A Synchronous Buck Regulator
ISL854102FRZ RENESAS-ISL854102FRZ Datasheet
1Mb / 19P
Wide VIN 1.2A Synchronous Buck Regulator
More results

Similar Description - ISL854102DEMO2Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
Wide VIN 500mA Synchronous Buck Regulator
July 15, 2013
ISL85410 INTERSIL-ISL85410 Datasheet
918Kb / 21P
Wide VIN 1A Synchronous Buck Regulator
November 22, 2013
logo
Altera Corporation
ER3105DI ALTERA-ER3105DI Datasheet
3Mb / 25P
500mA Wide VIN Synchronous Buck Regulator
logo
Intersil Corporation
ISL85412 INTERSIL-ISL85412 Datasheet
994Kb / 19P
Wide VIN 150mA Synchronous Buck Regulator
ISL854102 INTERSIL-ISL854102 Datasheet
743Kb / 19P
Wide VIN 1.2A Synchronous Buck Regulator
July 1, 2016
logo
Renesas Technology Corp
ISL85412 RENESAS-ISL85412 Datasheet
1Mb / 19P
Wide VIN 150mA Synchronous Buck Regulator
ISL85413 RENESAS-ISL85413 Datasheet
1Mb / 20P
Wide VIN 300mA Synchronous Buck Regulator
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
Wide VIN 500mA Synchronous Buck Regulator
ISL85418 RENESAS-ISL85418 Datasheet
1Mb / 21P
Wide VIN 800mA Synchronous Buck Regulator
ISL854102 RENESAS-ISL854102 Datasheet
1Mb / 19P
Wide VIN 1.2A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com