Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL854102DEMO2Z Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL854102DEMO2Z
Description  Wide VIN 1.2A Synchronous Buck Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL854102DEMO2Z Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL854102DEMO2Z Datasheet HTML 2Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 3Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 4Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 9Page - Renesas Technology Corp ISL854102DEMO2Z Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ISL854102
FN8870 Rev.1.00
Page 6 of 21
Mar 15, 2019
TABLE 2. KEY DIFFERENCES BETWEEN FAMILY OF PARTS
PART NUMBER
INPUT VOLTAGE
(V)
OUTPUT
CURRENT
COMPENSATION
SWITCHING FREQUENCY
EXT SYNC
SOFT-START
ISL85412
3.5 to 40
150mA
Internal Only
Internal 700kHz
No
Internal
ISL85413
3.5 to 40
300mA
Internal Only
Internal 700kHz
No
Internal
ISL85415
3 to 36
500mA
Internal/External
Internal 500kHz/external 300kHz to 2MHz
Yes
Internal/External
ISL85418
3 to 40
800mA
Internal/External
Internal 500kHz/external 300kHz to 2MHz
Yes
Internal/External
ISL85410
3 to 40
1A
Internal/External
Internal 500kHz/external 300kHz to 2MHz
Yes
Internal/External
ISL854102
3 to 40
1.2A
Internal/External
Internal 500kHz/external 300kHz to 2MHz
Yes
Internal/External



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com