Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6641 Datasheet(PDF) 10 Page - STMicroelectronics

Part # PM6641
Description  Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6641 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PM6641 Datasheet HTML 6Page - STMicroelectronics PM6641 Datasheet HTML 7Page - STMicroelectronics PM6641 Datasheet HTML 8Page - STMicroelectronics PM6641 Datasheet HTML 9Page - STMicroelectronics PM6641 Datasheet HTML 10Page - STMicroelectronics PM6641 Datasheet HTML 11Page - STMicroelectronics PM6641 Datasheet HTML 12Page - STMicroelectronics PM6641 Datasheet HTML 13Page - STMicroelectronics PM6641 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
Electrical characteristics
PM6641
10/47
Symbol
Parameter
Test condition
Values
Unit
Min
Typ
Max
Thermal shutdown
TSHDN
Thermal shutdown threshold
150
°C
Thermal shutdown hysteresis
15
Switching node – chipset 1.5 V rail
tOnmin
Minimum On-Time
200
ns
RDSon,HS
High side PMOS Ron
150
220
m
Ω
RDSon,LS
Low side NMOS Ron
100
160
IINLEAK
VIN_1S5 leakage current
VAVCC = VVCC = +5 V,
all EN_1S5 low
VIN =
+5 V
1
µA
VIN =
+3.3 V
Peak current limit
RCSNS = 50 kΩ
3.9
A
Soft end section – chipset 1.5 V rail
Discharge resistance
25
Ω
LS Turn-on VFB_1SX
Threshold with internal divider
VFB_S1X to OUT_X
0.29
V
LS Turn-on VFB_1SX
Threshold with external divider
VFB_S1X to external dvider
0.16
Power management section – chipset 1.5 V rail
EN_1S5 Turn-Off level
VAVCC = 5 V
0.8
V
EN_1S5 Turn-On level
2
Switching node – chipset 1.05 V rail
tOnmin
Minimum On-Time
180
ns
RDSon,HS
High side PMOS Ron
100
160
m
Ω
RDSon,LS
Low side NMOS Ron
70
110
IINLEAK
VIN_1S05 leakage current
VAVCC = VVCC = +5 V, all
EN_1S05 low
VIN =
+5 V
1
µA
VIN =
+3.3 V
1
Peak current limit
RCSNS = 50 kΩ
5.1
A
Table 6. Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com