Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6641 Datasheet(PDF) 28 Page - STMicroelectronics

Part # PM6641
Description  Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6641 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button PM6641 Datasheet HTML 24Page - STMicroelectronics PM6641 Datasheet HTML 25Page - STMicroelectronics PM6641 Datasheet HTML 26Page - STMicroelectronics PM6641 Datasheet HTML 27Page - STMicroelectronics PM6641 Datasheet HTML 28Page - STMicroelectronics PM6641 Datasheet HTML 29Page - STMicroelectronics PM6641 Datasheet HTML 30Page - STMicroelectronics PM6641 Datasheet HTML 31Page - STMicroelectronics PM6641 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
Device description
PM6641
28/47
7.6
Outputs Soft-Start
The soft start function of each switching regulator is achieved by ramping up the SS pin
voltage with a constant slew rate dV/dt.
When the switching section is enabled (EN high), the SS pin constant current charges the
capacitor connected between SS and ground pins.
The SS voltage is used as reference of the switching regulator and the output voltage of the
converter follows the ramp of the SS voltage. When the SS pin voltage is higher than 0.8 V,
the error amplifier will use the internal 0.8 V ±1 % reference to regulate the output voltage.
Figure 31. SW regulator programmable Soft-Start
During the soft start period the current limit is set to the nominal value.
The dV/dt slope is set by charging the external capacitor with a 10 µA current. The
capacitance values will be of the order of magnitude of 10 nF for a 1 msec soft-start
duration, as pointed out by the following formula:
Equation 6
During the soft-start the output under voltage management is not enabled, whereas the
output over voltage, the current limit and the thermal overheat are always monitored.
When the first switching regulator is turned on the output soft-start begins after an additional
delay of about 180 µs, due to PM6641 initializing and fuses reading.
SS_1Sx
SS DO
VREF
Iss
SW
Regulator
nF
5
.
12
V
8
.
0
ms
1
A
10
V
t
I
C
=
µ
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com