Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6641 Datasheet(PDF) 40 Page - STMicroelectronics

Part # PM6641
Description  Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6641 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button PM6641 Datasheet HTML 36Page - STMicroelectronics PM6641 Datasheet HTML 37Page - STMicroelectronics PM6641 Datasheet HTML 38Page - STMicroelectronics PM6641 Datasheet HTML 39Page - STMicroelectronics PM6641 Datasheet HTML 40Page - STMicroelectronics PM6641 Datasheet HTML 41Page - STMicroelectronics PM6641 Datasheet HTML 42Page - STMicroelectronics PM6641 Datasheet HTML 43Page - STMicroelectronics PM6641 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
Components selection
PM6641
40/47
8.5
Layout guidelines
Each signal is referred to AGND, the analog ground. In a typical 4-layers PCB one internal
layer should be dedicated to this common ground. The IC thermal pad must be connected to
AGND plane through multiple VIAs, in order to remove the IC heat and to obtain the best
performance. Furthermore, each switching regulator has a dedicated power ground
(SGND_1Sxx); all these SGNDs must be star-connected, in a single point, with AGND.
For each switching section the power componets (inductor and input/output capacitors)
must be placed near the VSW_1Sxx, VIN_1Sxx and SGND_1Sxx pins and connected with
large (at least 20mils or larger) and short PCB traces, in order to limit the path of the current
high frequency components and, consequently, to reduce the injected noise. If the power
components routing involves more than one layer, as many VIAs as possible must be
inserted to reduce the series resistance and improve the global efficiency.
The VTT external components (input and output capacitors) must be placed near the LDO
regulator input (LDOIN) and output (VTT) pins, and must be routed with large and short
traces, in order to limit the parasitic series resistance.
The feedback pins (VFB_1Sxx and VTTFB) must reach the feedback points through
dedicated PCB traces, typically 10mils width; larger feedback traces are not required.
For reference layout, refer to PM6641 Evaluation Kit document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com