Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6641 Datasheet(PDF) 23 Page - STMicroelectronics

Part # PM6641
Description  Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6641 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button PM6641 Datasheet HTML 19Page - STMicroelectronics PM6641 Datasheet HTML 20Page - STMicroelectronics PM6641 Datasheet HTML 21Page - STMicroelectronics PM6641 Datasheet HTML 22Page - STMicroelectronics PM6641 Datasheet HTML 23Page - STMicroelectronics PM6641 Datasheet HTML 24Page - STMicroelectronics PM6641 Datasheet HTML 25Page - STMicroelectronics PM6641 Datasheet HTML 26Page - STMicroelectronics PM6641 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
PM6641
Device description
23/47
The chipset supply is able to source the following average and peak currents, , assuming
1 A peak-to-peak inductor current ripple:
The peak current and the inductor ripple must be carefully evaluated in order to choose the
right current limit protection; this feature is performed by sensing the internal high side
MOSFET current and can be decreased by inserting an external resistor between CSNS pin
and AGND (see Chapter 7.10: Peak current limit on page 31 for details).
Both rails are able to protect the load from Over-Voltage and Under-Voltage protection,
which avoid the output to be higher than 120% or lower than 60% of the nominal value (see
Chapter 7.11.1: Output over voltage on page 33 and Chapter 7.11.2: Output under voltage
on page 33 section for details).
When the EN_1S5 or EN_1S05 pin goes high the respective rail is turned on and the output
voltage soft-start is performed by slowly charging the rail output capacitor; this behavior is
achieved because the loop voltage reference is increased linearly from zero up to 0.8V (see
Chapter 7.6: Outputs Soft-Start on page 28 section for details). When the EN_1S5 or
EN_1S05 pin goes low, the respective rail output capacitor is discharged through internal
discharge MOSFET and, at the end of the capacitor discharge, the low side power MOSFET
is finally closed (see Chapter 7.7: Outputs Soft-End on page 29 section for details).
Each rail has a dedicated pin to assert if its output voltage is not in the power good window,
i.e. if the output voltage drops 10% below or rises 10% above the nominal regulated value.
These Power Good Signals (PG_1S5 and PG_1S05 pins) are open drain outputs, tied to
GND in the following conditions:
●
When the rail output voltage is outside +/- 10 % range from nominal value
●
When a protection (UV, OV, thermal) has been triggered
●
When the regulator is in soft-start.
The PG_1S5 and PG_1S05 pins can sink current up to 4 mA when it’s asserted low.
Table 9. Chipset supply currents
Chipset supply rail [V]
Average current [A]
Peak current [A]
1.5
1.5
3.0
1.05
2.1
4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com