Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6641 Datasheet(PDF) 1 Page - STMicroelectronics

Part # PM6641
Description  Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6641 Datasheet(HTML) 1 Page - STMicroelectronics

  PM6641 Datasheet HTML 1Page - STMicroelectronics PM6641 Datasheet HTML 2Page - STMicroelectronics PM6641 Datasheet HTML 3Page - STMicroelectronics PM6641 Datasheet HTML 4Page - STMicroelectronics PM6641 Datasheet HTML 5Page - STMicroelectronics PM6641 Datasheet HTML 6Page - STMicroelectronics PM6641 Datasheet HTML 7Page - STMicroelectronics PM6641 Datasheet HTML 8Page - STMicroelectronics PM6641 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
January 2008
Rev 2
1/47
47
PM6641
Monolithic VR for chipset and DDR2/3 supply
for ultra-mobile PC (UMPC) applications
Features
■ 0.8 V ±1 % internal voltage reference
■ 2.7 V to 5.5 V input voltage range
■ Fast response, constant frequency,
current mode control
■ Three independent, adjustable, out-of-phase
SMPS for DDR2/3 (VDDQ) and chipset supply
■ Low noise DDR2/3 reference (VTTREF)
■ ±2 Apk LDO for DDR2/3 termination (VTT)
with foldback
■ S0-S5 states compliant DDR2/3 section
■ Active soft-end for all outputs
■ Selectable tracking discharge for VDDQ
■ Separate power-good signals
■ Pulse skipping at light load
■ Programmable current limit and soft-start for
all outputs
■ Latched OVP, UVP protection
■ Thermal protection
Applications
■ DDR2/3 memory and chipset supply
■ UMPC and portable equipment
■ Handheld and PDAs
Description
The PM6641 is a monolithic voltage regulator
module specifically designed to supply DDR2/3
memory and chipset in ultra-mobile PC and real
estate constrained portable systems.
It integrates three independent, adjustable,
constant frequency buck converters, a ±2 Apk
Low Drop-Out (LDO) linear regulator and a
±15 mA low noise buffered reference.
Each regulator provides basic UV and OV
Protections, programmable Soft-Start and Current
Limit and active Soft-End.
Pulse-Skipping technique is performed to
increase efficiency at very light load.
VFQFPN-48 7x7
www.st.com
Table 1. Device summary
Part number
Package
Packaging
PM6641
VFQFPN-48 7x7 (exposed pad)
Tray
PM6641TR
VFQFPN-48 7x7 (exposed pad
Tape & reel


Similar Part No. - PM6641

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6644 STMICROELECTRONICS-PM6644 Datasheet
2Mb / 35P
350 mA adjustable step-down regulator
19-Jun-2012
PM6644TR STMICROELECTRONICS-PM6644TR Datasheet
2Mb / 35P
350 mA adjustable step-down regulator
19-Jun-2012
More results

Similar Description - PM6641

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9UMS9633BW IDT-ICS9UMS9633BW Datasheet
180Kb / 18P
ULTRA MOBILE PC CLOCK FOR AUTOMOTIVE USE
logo
Freescale Semiconductor...
900844 FREESCALE-900844 Datasheet
5Mb / 118P
Integrated Power Management IC for Ultra-mobile and Embedded Applications
logo
Integrated Device Techn...
ICS9EMS9633 IDT-ICS9EMS9633 Datasheet
161Kb / 22P
ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
logo
STMicroelectronics
STEVAL-ISA050V1 STMICROELECTRONICS-STEVAL-ISA050V1 Datasheet
158Kb / 4P
Monolithic VR for chipset and DDR2/3 demonstration board based on the PM6641
12-Nov-2008
logo
List of Unclassifed Man...
ISP1703BUKTS ETC2-ISP1703BUKTS Datasheet
906Kb / 3P
Ultra-low-power transceiver solutions for mobile and portable applications
logo
STMicroelectronics
AN2787 STMICROELECTRONICS-AN2787 Datasheet
2Mb / 37P
Monolithic VR demonstration board for chipset
05-Sep-2008
logo
List of Unclassifed Man...
R1524H050B-T1-AE ETC-R1524H050B-T1-AE Datasheet
2Mb / 37P
200 mA 36 V Input Ultra Low Supply Current VR for Automotive Applications
logo
Nisshinbo Micro Devices...
R1524X NISSHINBO-R1524X Datasheet
2Mb / 37P
200 mA 36 V Input Ultra Low Supply Current VR for Automotive Applications
R1524X-Y NISSHINBO-R1524X-Y Datasheet
2Mb / 37P
200 mA36 V Input Ultra Low Supply Current VR for Industrial Applications
logo
Renesas Technology Corp
ICS9EMS9633 RENESAS-ICS9EMS9633 Datasheet
312Kb / 23P
ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com