Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6641 Datasheet(PDF) 33 Page - STMicroelectronics

Part # PM6641
Description  Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6641 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button PM6641 Datasheet HTML 29Page - STMicroelectronics PM6641 Datasheet HTML 30Page - STMicroelectronics PM6641 Datasheet HTML 31Page - STMicroelectronics PM6641 Datasheet HTML 32Page - STMicroelectronics PM6641 Datasheet HTML 33Page - STMicroelectronics PM6641 Datasheet HTML 34Page - STMicroelectronics PM6641 Datasheet HTML 35Page - STMicroelectronics PM6641 Datasheet HTML 36Page - STMicroelectronics PM6641 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
PM6641
Device description
33/47
7.11
Fault management
PM6641 has been conceived to constantly monitor the rails output voltage. In order to
protect itself from failure and the load from damage, the device is able to:
●
Limit the power MOSFETs current
●
Detect output over voltage
●
Detect output under voltage
●
Monitor the device temperature
●
Detect input power supply under voltage
The current limit is an auto-recovery protection, monitoring cycle by cycle the regulators
high side MOSFET current (see Chapter 7.10: Peak current limit on page 31 section for
details).
The output Over Voltage and Under Voltage and the input Under Voltage are latched
protections, whereas the thermal shutdown is auto-recovery; all these features are
described in the following sections.
7.11.1
Output over voltage
If the output voltage of a switching regulator (memory supply rail VDDQ (1.8 V), chipset
supply rails 1.5 V or 1.05 V) becomes greater than 120 % of its nominal value, an over
voltage (OV) protection for that rail is triggered. As a consequence the regulator stops
switching, the internal low-side power MOSFET of that rail is turned on and the high-side
MOSFET is turned off. The OV protection effect is the very quick discharge of the rail output
capacitor.
The OV condition is latched, and it can be reset only by toggling the enable pin of that rail or
by turning off and on the IC power supply (AVCC pin).
An OV condition for one of the outputs of the PM6641 has no effect on the operation of the
other outputs (e.g., if the OV protection is triggered for the VDDQ regulator, the 1.5 V and
1.05 V regulators continue to work normally).
7.11.2
Output under voltage
If the output voltage of a switching regulator (memory supply rail VDDQ (1.8 V), chipset
supply rails 1.5 V or 1.05 V) becomes lower than 60 % of its nominal value (e.g. because the
rail was shorted to ground or the output load is increased dramatically), an under voltage
(UV) protection for that rail is triggered.
An UV condition causes the soft-end of the rail, which implies the regulator turn off and the
rail discharge MOSFET turn on (see Chapter 7.7: Outputs Soft-End on page 29 section for
details); the UV condition is latched, and it can be reset only by toggling the enable pin of
that rail or by turning off and on the PM6641 power supply (AVCC pin).
As for OV protection, each switching regulator can perform under voltage protection without
affecting other regulators.
The over-current feature is implemented in the PM6641 by limiting the output current of
each rail (see Chapter 7.10: Peak current limit on page 31 section for details) and triggering
a latched UV protection if the output voltage falls because of a load requesting more current
than the limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com