Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6641 Datasheet(PDF) 32 Page - STMicroelectronics

Part # PM6641
Description  Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6641 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button PM6641 Datasheet HTML 28Page - STMicroelectronics PM6641 Datasheet HTML 29Page - STMicroelectronics PM6641 Datasheet HTML 30Page - STMicroelectronics PM6641 Datasheet HTML 31Page - STMicroelectronics PM6641 Datasheet HTML 32Page - STMicroelectronics PM6641 Datasheet HTML 33Page - STMicroelectronics PM6641 Datasheet HTML 34Page - STMicroelectronics PM6641 Datasheet HTML 35Page - STMicroelectronics PM6641 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
Device description
PM6641
32/47
where VREF = 0.9V is the constant voltage forced by CSNS pin, RCSNS [Ω] is the resistor
connected between CSNS and AGND,
α is the coefficient that collects the MOS current
sensing scaling factor and other design parameters and ICL is the peak current limit [A].
The following table resumes values for all the switching regulators.
The following graph is a plot of the switching regulators peak current limit, increasing the
RCSNS resistor:
Figure 33. SW regulators peak current limit
From the previous plot and table it’s clear that the three regulators peak current limits are
scaled; by changing the RCSNS external resistor the three peak current limits all change.
Table 11. Typical SW regulators values
SW regulator
α
1.8V
333x10e3
1.5V
222x10e3
1.05V
278x10e3
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
40
60
80
100
120
140
160
180
Rcsns [kOhm]
CL_1V8
CL_1V5
CL_1V05
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
40
60
80
100
120
140
160
180
Rcsns [kOhm]
CL_1V8
CL_1V5
CL_1V05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com