Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6641 Datasheet(PDF) 30 Page - STMicroelectronics

Part # PM6641
Description  Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6641 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button PM6641 Datasheet HTML 26Page - STMicroelectronics PM6641 Datasheet HTML 27Page - STMicroelectronics PM6641 Datasheet HTML 28Page - STMicroelectronics PM6641 Datasheet HTML 29Page - STMicroelectronics PM6641 Datasheet HTML 30Page - STMicroelectronics PM6641 Datasheet HTML 31Page - STMicroelectronics PM6641 Datasheet HTML 32Page - STMicroelectronics PM6641 Datasheet HTML 33Page - STMicroelectronics PM6641 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
Device description
PM6641
30/47
7.9
Phase management
When all the three switching regulators high side MOSFETs are turned on simultaneously
the input root mean square (RMS) current could rise up to very high values, increasing the
system losses and inducing external components overheating. It’s possible to reduce the
input overall RMS current by inserting one ceramic capacitor as close as possible to each
switching regulator power supply input, reducing the impulsive input current path. However
this synchronous mode of operation is jitter-free and noise immune.
Another possible way to reduce the input RMS current is based on the phase shifting
technique, which decreases the total input current by delaying the regulators turn on pulse.
With three regulators turned on, the 120d eg phase shifting allows to reduce the overall
input current up to 1.73 times as depicted in the following configuration, in which three
independent regulators with Vout/Vin lower than 0.333 and identical output current (I) are
managed with synchronous or 120 deg phase shifted turning on.
Figure 32. SW regulator phase management
Each regulator RMS input current is easily computed:
Equation 7
defining TSW the switching period, equal to
and TON the high side MOSFET on
time.
IL1
IL2
IL3
IL1
IL2
IL3
ICIN
ICIN
Synchronous
120deg delay
+
+
+
+
=
=
ON
2
SW
T
2
3
L
,
2
L
,
1
L
SW
3
L
,
2
L
,
1
L
T
I
T
1
dt
I
T
1
I
SW
=
=
∫
SW
f
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com