Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6641 Datasheet(PDF) 13 Page - STMicroelectronics

Part # PM6641
Description  Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6641 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PM6641 Datasheet HTML 9Page - STMicroelectronics PM6641 Datasheet HTML 10Page - STMicroelectronics PM6641 Datasheet HTML 11Page - STMicroelectronics PM6641 Datasheet HTML 12Page - STMicroelectronics PM6641 Datasheet HTML 13Page - STMicroelectronics PM6641 Datasheet HTML 14Page - STMicroelectronics PM6641 Datasheet HTML 15Page - STMicroelectronics PM6641 Datasheet HTML 16Page - STMicroelectronics PM6641 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
PM6641
Electrical characteristics
13/47
Symbol
Parameter
Test condition
Values
Unit
Min
Typ
Max
IVTT,CL
LDO source current limit
VVTT < 1.10*( VVOUT_1S8 /2)
22.3
3
A
VVTT > 1.10*( VVOUT_1S8 /2)
11.25
1.5
LDO sink current limit
VVTT > 0.90*( VVOUT_1S8 /2)
-3
-2.3
-2
VVTT < 0.90*( VVOUT_1S8 /2)
-1.5
-1.25
-1
VTTREF section – DDR2/3 rails
VVTTREF
VTTREF output voltage
IVTTREF = 0A, VVOUT_1S8 = 1.8 V
0.9
V
VTTREF output voltage
accuracy relative to
VVOUT_1S8/2
-15 mA < IVTTREF < +15 mA,
VVOUT_1S8 = 1.8 V
-2
2
%
IVTTREF
VTTREF short circuit source
current
VVOUT_1S8 =1.8 V, VVTTREF = 0 V
40
mA
VTTREF short circuit sink
current
VVOUT_1S8 =1.8 V, VVTTREF = 1.8 V
-40
Table 6. Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com