Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 45Page - STMicroelectronics STM32L4R5VG Datasheet HTML 46Page - STMicroelectronics STM32L4R5VG Datasheet HTML 47Page - STMicroelectronics STM32L4R5VG Datasheet HTML 48Page - STMicroelectronics STM32L4R5VG Datasheet HTML 49Page - STMicroelectronics STM32L4R5VG Datasheet HTML 50Page - STMicroelectronics STM32L4R5VG Datasheet HTML 51Page - STMicroelectronics STM32L4R5VG Datasheet HTML 52Page - STMicroelectronics STM32L4R5VG Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 306 page
background image
DocID030321 Rev 3
49/306
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
Functional overview
64
The DSI Host main features are:
•
Compliant with MIPI® Alliance standards
•
Interface with MIPI® D-PHY
•
Supports all commands defined in the MIPI® Alliance specification for DCS:
–
Transmission of all Command mode packets through the APB interface
–
Transmission of commands in low-power and high-speed during Video Mode
•
Supports up to two D-PHY data lanes
•
Bidirectional communication and escape mode support through data lane 0
•
Supports non-continuous clock in D-PHY clock lane for additional power saving
•
Supports Ultra Low-Power mode with PLL disabled
•
ECC and Checksum capabilities
•
Support for end of transmission packet (EoTp)
•
Fault recovery schemes
•
Configurable selection of system interfaces:
–
AMBA APB for control and optional support for generic and DCS commands
–
Video Mode interface through LTDC
–
Adapted command mode interface through LTDC
•
Independently programmable virtual channel ID in
–
Video mode
–
Adapted command mode
–
APB Slave
Video Mode interfaces features:
•
LTDC interface color coding mappings into 24-bit interface:
–
16-bit RGB, configurations 1, 2 and 3
–
18-bit RGB, configurations 1 and 2
–
24-bit RGB
•
Programmable polarity of all LTDC interface signals
•
Maximum resolution is limited by available DSI physical link bandwidth:
–
Number of lanes: 2
–
Maximum speed per lane: 500 Mbps
Adapted interface features:
•
Support for sending large amounts of data through the memory_write_start (WMS) and
memory_write_continue (WMC) DCS commands
•
LTDC interface color coding mappings into 24-bit interface:
–
16-bit RGB, configurations 1, 2 and 3
–
18-bit RGB, configurations 1 and 2
–
24-bit RGB
Video mode pattern generator:
•
Vertical and horizontal color bar generation without LTDC stimuli
•
BER pattern without LTDC stimuli



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com