Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 22Page - STMicroelectronics STM32L4R5VG Datasheet HTML 23Page - STMicroelectronics STM32L4R5VG Datasheet HTML 24Page - STMicroelectronics STM32L4R5VG Datasheet HTML 25Page - STMicroelectronics STM32L4R5VG Datasheet HTML 26Page - STMicroelectronics STM32L4R5VG Datasheet HTML 27Page - STMicroelectronics STM32L4R5VG Datasheet HTML 28Page - STMicroelectronics STM32L4R5VG Datasheet HTML 29Page - STMicroelectronics STM32L4R5VG Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 306 page
background image
Functional overview
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
26/306
DocID030321 Rev 3
Figure 5. STM32L4R9xx power supply overview
3.10.2
Power supply supervisor
The STM32L4R5xx, STM32L4R7xx and STM32L4R9xx devices have an integrated ultra-
low-power Brownout reset (BOR) active in all modes (except for Shutdown mode). The BOR
ensures proper operation of the devices after power-on and during power down. The
devices remain in reset mode when the monitored supply voltage VDD is below a specified
threshold, without the need for an external reset circuit.
The lowest BOR level is 1.71 V at power on, and other higher thresholds can be selected
through option bytes.The devices feature an embedded programmable voltage detector
(PVD) that monitors the VDD power supply and compares it to the VPVD threshold.
An interrupt can be generated when VDD drops below the VPVD threshold and/or when VDD
is higher than the VPVD threshold. The interrupt service routine can then generate a
warning message and/or put the MCU into a safe state. The PVD is enabled by software.
MSv38488V1
VDDA domain
Backup domain
2 x D/A converters
1 x A/D converter
Standby circuitry
(Wakeup logic,
IWDG)
Voltage regulator
Low voltage detector
LSE crystal 32 K osc
BKP registers
RCC BDCR register
RTC
2 x comparators
2 x operational amplifiers
Voltage reference buffer
I/O ring
VCORE domain
Temp. sensor
Reset block
3 x PLL, HSI, MSI
Flash memory
DSI PHY
VDD12DSI
USB transceivers
VDDUSB
VDDIO2
VDDIO1
I/O ring
PG[15:2]
VDDIO2
VDDA
VSSA
VSS
VSS
VDDIO2 domain
VDD domain
VCORE
VSS
VDD
VBAT
DSI
voltage regulator
VCAPDSI
VDDDSI
Core
SRAM1
SRAM2
SRAM3
Digital
peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com