Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 19Page - STMicroelectronics STM32L4R5VG Datasheet HTML 20Page - STMicroelectronics STM32L4R5VG Datasheet HTML 21Page - STMicroelectronics STM32L4R5VG Datasheet HTML 22Page - STMicroelectronics STM32L4R5VG Datasheet HTML 23Page - STMicroelectronics STM32L4R5VG Datasheet HTML 24Page - STMicroelectronics STM32L4R5VG Datasheet HTML 25Page - STMicroelectronics STM32L4R5VG Datasheet HTML 26Page - STMicroelectronics STM32L4R5VG Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 306 page
background image
DocID030321 Rev 3
23/306
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
Functional overview
64
3.10
Power supply management
3.10.1
Power supply schemes
The STM32L4x devices require a 1.71 V to 3.6 V VDD operating voltage supply. Several
independent supplies can be provided for specific peripherals:
•
VDD = 1.71 V to 3.6 V
VDD is the external power supply for the I/Os, the internal regulator and the system
analog such as reset, power management and internal clocks. It is provided externally
through the VDD pins.
•
VDD12 = 1.05 to 1.32 V
VDD12 is the external power supply bypassing the internal regulator when connected to
an external SMPS. It is provided externally through VDD12 pins and only available on
packages with the external SMPS supply option. VDD12 does not require any external
decoupling capacitance and cannot support any external load.
•
VDDA = 1.62 V (ADCs/COMPs) / 1.8 V (DACs/OPAMPs) to 2.4 V (VREFBUF) to 3.6 V
VDDA is the external analog power supply for A/D converters, D/A converters, voltage
reference buffer, operational amplifiers and comparators. The VDDA voltage level is
independent from the VDD voltage and should preferably be connected to VDD when
these peripherals are not used.
•
VDDUSB = 3.0 V to 3.6 V
VDDUSB is the external independent power supply for USB transceivers. The
VDDUSB voltage level is independent from the VDD voltage and should preferably be
connected to VDD when the USB is not used.
•
VDDIO2 = 1.08 V to 3.6 V
•
VDDIO2 is the external power supply for 14 I/Os (port G[15:2]). The VDDIO2 voltage
level is independent from the VDD voltage and should preferably be connected to VDD
when PG[15:2] are not used.
•
VDDDSI is used to supply the DSI regulator and MIPI D-PHY. This supply must be
connected to the global VDD.
•
VCAPDSI pin is the output of DSI regulator (1.2 V) which must be connected externally
to VDD12DSI.
•
VDD12DSI pin is used to supply the MIPI D-PHY, and to supply clock and data lanes
pins. An external capacitor of 2.2 uF must be connected on the VDD12DSI pin.
•
VBAT = 1.55 V to 3.6 V
VBAT is the power supply for RTC, external clock 32 kHz oscillator and backup registers
(through power switch) when VDD is not present.
•
VREF-, VREF+
VREF+ is the input reference voltage for ADCs and DACs. It is also the output of the
internal voltage reference buffer when enabled.
When VDDA < 2 V VREF+ must be equal to VDDA.
When VDDA ≥ 2 V VREF+ must be between 2 V and VDDA.
VREF+ can be grounded when ADC and DAC are not active.
The internal voltage reference buffer supports two output voltages, which are
configured with VRS bit in the VREFBUF_CSR register:
–VREF+ around 2.048 V. This requires VDDA equal to or higher than 2.4 V.
–VREF+ around 2.5 V. This requires VDDA equal to or higher than 2.8 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com