Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 34Page - STMicroelectronics STM32L4R5VG Datasheet HTML 35Page - STMicroelectronics STM32L4R5VG Datasheet HTML 36Page - STMicroelectronics STM32L4R5VG Datasheet HTML 37Page - STMicroelectronics STM32L4R5VG Datasheet HTML 38Page - STMicroelectronics STM32L4R5VG Datasheet HTML 39Page - STMicroelectronics STM32L4R5VG Datasheet HTML 40Page - STMicroelectronics STM32L4R5VG Datasheet HTML 41Page - STMicroelectronics STM32L4R5VG Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 306 page
background image
Functional overview
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
38/306
DocID030321 Rev 3
3.12
Clocks and startup
The clock controller (see Figure 6) distributes the clocks coming from the different
oscillators to the core and to the peripherals. It also manages the clock gating for low-power
modes and ensures the clock robustness. It features:
•
Clock prescaler: to get the best trade-off between speed and current consumption,
the clock frequency to the CPU and peripherals can be adjusted by a programmable
prescaler.
•
Safe clock switching: clock sources can be changed safely on the fly in Run mode
through a configuration register.
•
Clock management: to reduce the power consumption, the clock controller can stop
the clock to the core, individual peripherals or memory.
•
System clock source: four different clock sources can be used to drive the master
clock SYSCLK:
–
4 to 48 MHz high-speed external crystal or ceramic resonator (HSE), that can
supply a PLL. The HSE can also be configured in bypass mode for an external
clock. The HSE must be available when the DSI-HOST peripheral is used.
–
16 MHz high-speed internal RC oscillator (HSI16), trimmable by software, that can
supply a PLL
–
Multispeed internal RC oscillator (MSI), trimmable by software, able to generate
12 frequencies from 100 kHz to 48 MHz. When a 32.768 kHz clock source is
available in the system (LSE), the MSI frequency can be automatically trimmed by
hardware to reach better than ±0.25% accuracy. In this mode the MSI can feed the
USB device, saving the need of an external high-speed crystal (HSE). The MSI
can supply a PLL.
–
System PLL which can be fed by HSE, HSI16 or MSI, with a maximum frequency
at 120 MHz.
•
RC48 with clock recovery system (HSI48): internal 48 MHz clock source (HSI48)can
be used to drive the USB, the SDMMC or the RNG peripherals. This clock can be
output on the MCO.
•
Auxiliary clock source: two ultra-low-power clock sources that can be used to drive
the real-time clock:
–
32.768 kHz low-speed external crystal (LSE), supporting four drive capability
modes. The LSE can also be configured in bypass mode for an external clock.
–
32 kHz low-speed internal RC (LSI), also used to drive the independent watchdog.
The LSI clock accuracy is ±5% accuracy.
•
Peripheral clock sources: several peripherals (USB, SDMMC, RNG, SAI, USARTs,
I2Cs, LPTimers, ADC) have their own independent clock whatever the system clock.
Three PLLs, each having three independent outputs allowing the highest flexibility, can
generate independent clocks for the ADC, the USB/SDMMC/RNG, the two SAIs, LCD-
TFT and DSI-HOST. When using DSI-HOST peripheral, the high-speed external crystal
(HSE) must be available.
•
Startup clock: after reset, the microcontroller restarts by default with an internal 4 MHz
clock (MSI). The prescaler ratio and clock source can be changed by the application
program as soon as the code execution starts.
•
Clock security system (CSS): this feature can be enabled by software. If a HSE clock
failure occurs, the master clock is automatically switched to HSI16 and a software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com