Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 2 Page - STMicroelectronics

  STM32L4R5VG Datasheet HTML 1Page - STMicroelectronics STM32L4R5VG Datasheet HTML 2Page - STMicroelectronics STM32L4R5VG Datasheet HTML 3Page - STMicroelectronics STM32L4R5VG Datasheet HTML 4Page - STMicroelectronics STM32L4R5VG Datasheet HTML 5Page - STMicroelectronics STM32L4R5VG Datasheet HTML 6Page - STMicroelectronics STM32L4R5VG Datasheet HTML 7Page - STMicroelectronics STM32L4R5VG Datasheet HTML 8Page - STMicroelectronics STM32L4R5VG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 306 page
background image
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
2/306
DocID030321 Rev 3
– 12-bit ADC 5 Msps, up to 16-bit with
hardware oversampling, 200 µA/Msps
– 2x 12-bit DAC, low-power sample and hold
– 2x operational amplifiers with built-in PGA
– 2x ultra-low-power comparators
• 20x communication interfaces
– USB OTG 2.0 full-speed, LPM and BCD
– 2x SAIs (serial audio interface)
–4x I2C FM+(1 Mbit/s), SMBus/PMBus
– 6x USARTs (ISO 7816, LIN, IrDA, modem)
– 3x SPIs (5x SPIs with the dual OctoSPI)
– CAN (2.0B Active) and SDMMC
• 14-channel DMA controller
• True random number generator
• CRC calculation unit, 96-bit unique ID
• 8- to 14-bit camera interface up to 32 MHz
(black and white) or 10 MHz (color)
• Development support: serial wire debug
(SWD), JTAG, Embedded Trace Macrocell
(ETM)
Table 1. Device summary
Reference
Part numbers
STM32L4R5xx
STM32L4R5VI, STM32L4R5QI, STM32L4R5ZI, STM32L4R5AI, STM32L4R5AG,
STM32L4R5QG, STM32L4R5VG, STM32L4R5ZG
STM32L4R7xx
STM32L4R7VI, STM32L4R7ZI, STM32L4R7AI
STM32L4R9xx
STM32L4R9VI, STM32L4R9ZI, STM32L4R9AI, STM32L4R9AG, STM32L4R9VG,
STM32L4R9ZG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com