Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 47Page - STMicroelectronics STM32L4R5VG Datasheet HTML 48Page - STMicroelectronics STM32L4R5VG Datasheet HTML 49Page - STMicroelectronics STM32L4R5VG Datasheet HTML 50Page - STMicroelectronics STM32L4R5VG Datasheet HTML 51Page - STMicroelectronics STM32L4R5VG Datasheet HTML 52Page - STMicroelectronics STM32L4R5VG Datasheet HTML 53Page - STMicroelectronics STM32L4R5VG Datasheet HTML 54Page - STMicroelectronics STM32L4R5VG Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 306 page
background image
DocID030321 Rev 3
51/306
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
Functional overview
64
•
Break signal generation on analog watchdog event or on short circuit detector event
•
Extremes detector:
–
Storage of minimum and maximum values of final conversion data
–
Refreshed by software
•
DMA capability to read the final conversion data
•
Interrupts: end of conversion, overrun, analog watchdog, short circuit, input serial
channel clock absence
•
“Regular” or “injected” conversions:
–
“Regular” conversions can be requested at any time or even in continuous mode
without having any impact on the timing of “injected” conversions
–
“Injected” conversions for precise timing and with high conversion priority
3.28
Random number generator (RNG)
All devices embed an RNG that delivers 32-bit random numbers generated by an integrated
analog circuit.
3.29
Digital camera interface (DCMI)
The STM32L4Rxxx devices embed a camera interface that can connect with any camera
modules and CMOS sensors through an 8-bit to 14-bit parallel interface in order to receive
video data.
The camera interface can sustain a data transfer rate up to 54 Mbytes/s at 54 MHz. It
features:
•
Programmable polarity for the input pixel clock and synchronization signals
•
Parallel data communication of 8-, 10-, 12- or 14-bit
•
Supports 8-bit progressive video monochrome or raw bayer format, YCbCr 4:2:2
progressive video, RGB 565 progressive video or compressed data (like JPEG)
•
Supports continuous mode or snapshot (a single frame) mode
•
Capability to automatically crop the image.
3.30
Timers and watchdogs
The STM32L4Rxxx devices include two advanced control timers, up to nine general-
purpose timers, two basic timers, two low-power timers, two watchdog timers and a SysTick
timer.
The Table 10 below compares the features of the advanced control, general-purpose and
basic timers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com