Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 21Page - STMicroelectronics STM32L4R5VG Datasheet HTML 22Page - STMicroelectronics STM32L4R5VG Datasheet HTML 23Page - STMicroelectronics STM32L4R5VG Datasheet HTML 24Page - STMicroelectronics STM32L4R5VG Datasheet HTML 25Page - STMicroelectronics STM32L4R5VG Datasheet HTML 26Page - STMicroelectronics STM32L4R5VG Datasheet HTML 27Page - STMicroelectronics STM32L4R5VG Datasheet HTML 28Page - STMicroelectronics STM32L4R5VG Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 306 page
background image
DocID030321 Rev 3
25/306
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
Functional overview
64
Figure 4. STM32L4R5xxxP and STM32L4R7xxxP with external SMPS power supply
overview
MSv49328V1
VDDA domain
Backup domain
Standby circuitry
(Wakeup logic,
IWDG)
Voltage regulator
Low voltage detector
LSE crystal 32 K osc
BKP registers
RCC BDCR register
RTC
I/O ring
VCORE domain
Temp. sensor
Reset block
3 x PLL, HSI, MSI
Flash memory
USB transceivers
VDDUSB
VDDIO2
VDDIO1
I/O ring
PG[15:2]
VDDIO2
VDDA
VSSA
VSS
VSS
VDDIO2 domain
VDD domain
VCORE
VSS
VDD
VBAT
Core
SRAM1
SRAM2
SRAM3
Digital
peripherals
2 x D/A converters
1 x A/D converter
2 x comparators
2 x operational amplifiers
Voltage reference buffer
2x VDD12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com