Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 50 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 46Page - STMicroelectronics STM32L4R5VG Datasheet HTML 47Page - STMicroelectronics STM32L4R5VG Datasheet HTML 48Page - STMicroelectronics STM32L4R5VG Datasheet HTML 49Page - STMicroelectronics STM32L4R5VG Datasheet HTML 50Page - STMicroelectronics STM32L4R5VG Datasheet HTML 51Page - STMicroelectronics STM32L4R5VG Datasheet HTML 52Page - STMicroelectronics STM32L4R5VG Datasheet HTML 53Page - STMicroelectronics STM32L4R5VG Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 306 page
background image
Functional overview
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
50/306
DocID030321 Rev 3
3.27
Digital filter for sigma-delta modulators (DFSDM)
The STM32L4Rxxx devices embed one DFSDM with four digital filters modules and eight
external input serial channels (transceivers) or alternately eight internal parallel inputs
support.
The DFSDM peripheral is dedicated to interface the external Σ∆ modulators to the
microcontroller and then to perform digital filtering of the received data streams (which
represent analog value on Σ∆ modulators inputs).
The DFSDM can also interface the PDM (pulse density modulation) microphones and
perform PDM to PCM conversion and filtering in hardware. The DFSDM features optional
parallel data stream inputs from microcontrollers memory (through DMA/CPU transfers into
DFSDM).
The DFSDM transceivers support several serial interface formats (to support various Σ∆
modulators) and the DFSDM digital filter modules perform digital processing according to
the user’s selected filter parameters with up to 24-bit final ADC resolution.
The DFSDM peripheral supports:
•
8 multiplexed input digital serial channels:
–
Configurable SPI interface to connect various SD modulator(s)
–
Configurable Manchester coded 1 wire interface support
–
PDM (pulse density modulation) microphone input support
–
Maximum input clock frequency up to 20 MHz (10 MHz for Manchester coding)
–
Clock output for SD modulator(s): 0..20 MHz
•
Alternative inputs from 8 internal digital parallel channels (up to 16-bit input resolution):
–
Internal sources: device memory data streams (DMA)
•
4 digital filter modules with adjustable digital signal processing:
–Sincx filter: filter order/type (1..5), oversampling ratio (up to 1..1024)
–
Integrator: oversampling ratio (1..256)
•
Up to 24-bit output data resolution, signed output data format
•
Automatic data offset correction (offset stored in register by user)
•
Continuous or single conversion
•
Start-of-conversion triggered by:
–
Software trigger
–
Internal timers
–
External events
–
Start-of-conversion synchronously with first digital filter module (DFSDM0)
•
Analog watchdog feature:
–
Low value and high-value data threshold registers
–
Dedicated configurable Sincx digital filter (order = 1..3, oversampling ratio = 1..32)
–
Input from final output data or from selected input digital serial channels
–
Continuous monitoring independently from standard conversion
•
Short circuit detector to detect saturated analog input values (bottom and top range):
–
Up to 8-bit counter to detect 1..256 consecutive 0’s or 1’s on serial data stream
–
Monitoring continuously each input serial channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com