Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 10Page - STMicroelectronics STM32L4R5VG Datasheet HTML 11Page - STMicroelectronics STM32L4R5VG Datasheet HTML 12Page - STMicroelectronics STM32L4R5VG Datasheet HTML 13Page - STMicroelectronics STM32L4R5VG Datasheet HTML 14Page - STMicroelectronics STM32L4R5VG Datasheet HTML 15Page - STMicroelectronics STM32L4R5VG Datasheet HTML 16Page - STMicroelectronics STM32L4R5VG Datasheet HTML 17Page - STMicroelectronics STM32L4R5VG Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 306 page
background image
Description
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
14/306
DocID030321 Rev 3
2
Description
The STM32L4R5xx, STM32L4R7xx and STM32L4R9xx devices are an ultra-low-power
microcontrollers family (STM32L4+ Series) based on the high-performance
Arm® Cortex®-M4 32-bit RISC core. They operate at a frequency of up to 120 MHz.
The Cortex-M4 core features a single-precision floating-point unit (FPU), which supports all
the Arm® single-precision data-processing instructions and all the data types. The Cortex-
M4 core also implements a full set of DSP (digital signal processing) instructions and a
memory protection unit (MPU) which enhances the application’s security.
These devices embed high-speed memories (2 Mbytes of Flash memory and 640 Kbytes of
SRAM), a flexible external memory controller (FSMC) for static memories (for devices with
packages of 100 pins and more), two OctoSPI Flash memories interface (available on all
packages) and an extensive range of enhanced I/Os and peripherals connected to two APB
buses, two AHB buses and a 32-bit multi-AHB bus matrix.
The STM32L4Rxxx devices embed several protection mechanisms for embedded Flash
memory and SRAM: readout protection, write protection, proprietary code readout
protection and a firewall.
These devices offer a fast 12-bit ADC (5 Msps), two comparators, two operational
amplifiers, two DAC channels, an internal voltage reference buffer, a low-power RTC, two
general-purpose 32-bit timer, two 16-bit PWM timers dedicated to motor control, seven
general-purpose 16-bit timers, and two 16-bit low-power timers. The devices support four
digital filters for external sigma delta modulators (DFSDM). In addition, up to 24 capacitive
sensing channels are available.
They also feature standard and advanced communication interfaces such as:
•
Four I2Cs
•
Three SPIs
•
Three USARTs, two UARTs and one low-power UART
•
Two SAIs
•
One SDMMC
•
One CAN
•
One USB OTG full-speed
•
Camera interface
•
DMA2D controller
The devices operate in the -40 to +85 °C (+105 °C junction) and -40 to +125 °C (+130 °C
junction) temperature ranges from a 1.71 to 3.6 V for VDD power supply when using internal
LDO regulator and a 1.05 to 1.32 V VDD12 power supply when using external SMPS supply.
A comprehensive set of power-saving modes allows the design of low-power applications.
Some independent power supplies are supported like an analog independent supply input
for ADC, DAC, OPAMPs and comparators, a 3.3 V dedicated supply input for USB and up to
14 I/Os, which can be supplied independently down to 1.08 V. A VBAT input allows to
backup the RTC and backup the registers. Dedicated VDD12 power supplies can be used to
bypass the internal LDO regulator when connected to an external SMPS.
The STM32L4Rxxx family offers six packages from 100-pin to 169-pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com