Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 111Page - STMicroelectronics STM32L4R5VG Datasheet HTML 112Page - STMicroelectronics STM32L4R5VG Datasheet HTML 113Page - STMicroelectronics STM32L4R5VG Datasheet HTML 114Page - STMicroelectronics STM32L4R5VG Datasheet HTML 115Page - STMicroelectronics STM32L4R5VG Datasheet HTML 116Page - STMicroelectronics STM32L4R5VG Datasheet HTML 117Page - STMicroelectronics STM32L4R5VG Datasheet HTML 118Page - STMicroelectronics STM32L4R5VG Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 306 page
background image
-
-----
A2
A2
---
--
A2
PH2
I/O
FT
-
OCTOSPIM_P1_IO4,
EVENTOUT
-
-
-----
B2
B2
---
--
B2
PI7
I/O
FT
-
TIM8_CH3, DCMI_D7,
EVENTOUT
-
-
-----
B1
B1
---
--
B1
PI9
I/O
FT
-
OCTOSPIM_P2_IO2,
CAN1_RX,
EVENTOUT
-
-
-----
A1
A1
---
--
A1
PI10
I/O
FT
-
OCTOSPIM_P2_IO1,
EVENTOUT
-
1. PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIOs PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF
- These GPIOs must not be used as current sources (for example to drive a LED).
2. After a Backup domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the content of the RTC registers which are not reset by the
system reset. For details on how to manage these GPIOs, refer to the Backup domain and RTC register descriptions in the RM0432 reference manual.
3. NC (not-connected) balls must be left unconnected. However, non connected (NC) GPIOS are not bonded. They must be configured by software to output push-pull and
forced to 0 in the output data register to avoid extra current consumption in low-power modes.
4. After reset, these pins are configured as JTAG/SW debug alternate functions, and the internal pull-up on PA15, PA13, PB4 pins and the internal pull-down on PA14 pin are
activated.
Table 15. STM32L4Rxxx pin definitions (continued)
Pin number
STM32L4R5xxx, STM32L4R7xxx
STM32L4R9xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com