Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 156 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 156 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 152Page - STMicroelectronics STM32L4R5VG Datasheet HTML 153Page - STMicroelectronics STM32L4R5VG Datasheet HTML 154Page - STMicroelectronics STM32L4R5VG Datasheet HTML 155Page - STMicroelectronics STM32L4R5VG Datasheet HTML 156Page - STMicroelectronics STM32L4R5VG Datasheet HTML 157Page - STMicroelectronics STM32L4R5VG Datasheet HTML 158Page - STMicroelectronics STM32L4R5VG Datasheet HTML 159Page - STMicroelectronics STM32L4R5VG Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 306 page
background image
Table 32. Current consumption in Run and Low-power run modes,
code with data processing running from Flash in dual bank, ART disable
Symbol
Parameter
Conditions
fHCLK
TYP
MAX(1)
Unit
-
Voltage
scaling
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD
(Run)
Supply
current in
Run mode
fHCLK = fHSE
up to
48MHz
included,
bypass
mode PLL
ON above
48 MHz all
peripherals
disable
Range 2
26 MHz
4.10
4.50
5.60
7.20
10.00
4.7
5.6
7.6
11.0
17.0
mA
16 MHz
2.75
3.10
4.25
5.85
8.70
3.2
4.1
6.1
9.4
16.0
8 MHz
1.25
1.90
2.95
4.55
7.35
1.7
2.7
4.7
8.0
14.0
4 MHz
0.91
1.25
2.35
3.90
6.75
1.2
2.0
4.0
7.3
14.0
2 MHz
0.59
0.94
2.00
3.60
6.40
0.8
1.6
3.6
6.9
13.0
1 MHz
0.42
0.77
1.85
3.40
6.25
0.6
1.4
3.4
6.7
13.0
100 KHz
0.27
0.63
1.70
3.25
6.10
0.4
1.2
3.2
6.5
13.0
Range 1
Boost
Mode
120 MHz
17.00 18.00 19.50
21.50
25.50
19.0
21.0
24.0
28.0
36.0
Range 1
Normal
Mode
80 MHz
13.00 13.50 15.00
17.00
20.50
15.0
16.0
19.0
23.0
30.0
72 MHz
11.50
12.00 14.00
16.00
19.50
13.0
15.0
18.0
22.0
29.0
64 MHz
10.50
11.00
12.50
14.50
18.00
12.0
13.0
16.0
20.0
27.0
48 MHz
9.00
9.50
11.00
13.00
16.50
11.0
12.0
15.0
19.0
26.0
32 MHz
6.45
6.95
8.40
10.50
14.00
7.3
8.5
12.0
16.0
23.0
24 MHz
4.90
5.40
6.85
8.80
12.50
5.6
6.7
9.3
14.0
21.0
16 MHz
3.55
4.00
5.40
7.40
11.00
4.1
5.2
7.7
12.0
19.0
IDD
(LPRun)
Supply
current in
Low-power
run mode
fHCLK = fMSI
all peripherals disable
2 MHz
590
1000
2300
4050
7200
800.0
1800
4200
7800
15000
µA
1 MHz
390
805
2100
3850
7000
580.0
1600
4000
7600
14000
400 KHz
245
655
1950
3750
6900
420.0
1400
3800
7500
14000
100 KHz
195
610
1900
3700
6850
370.0
1400
3700
7500
14000
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com