Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 200 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 200 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 196Page - STMicroelectronics STM32L4R5VG Datasheet HTML 197Page - STMicroelectronics STM32L4R5VG Datasheet HTML 198Page - STMicroelectronics STM32L4R5VG Datasheet HTML 199Page - STMicroelectronics STM32L4R5VG Datasheet HTML 200Page - STMicroelectronics STM32L4R5VG Datasheet HTML 201Page - STMicroelectronics STM32L4R5VG Datasheet HTML 202Page - STMicroelectronics STM32L4R5VG Datasheet HTML 203Page - STMicroelectronics STM32L4R5VG Datasheet HTML 204Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 306 page
background image
Electrical characteristics
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
200/306
DocID030321 Rev 3
6.3.9
PLL characteristics
The parameters given in Table 64 are derived from tests performed under temperature and
VDD supply voltage conditions summarized in Table 22: General operating conditions.
6.3.10
MIPI D-PHY characteristics
The parameters given in Table 65 and Table 66 are derived from tests performed under
temperature and VDD supply voltage conditions summarized in Table 22.
Table 64. PLL, PLLSAI1, PLLSAI2 characteristics(1)
1. Guaranteed by design.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN
PLL input clock(2)
2. Take care of using the appropriate division factor M to obtain the specified PLL input clock values. The M
factor is shared between the 3 PLLs.
-2.66
-
16
MHz
PLL input clock duty cycle
-
45
-
55
%
fPLL_P_OUT PLL multiplier output clock P
Voltage scaling Range 1
Normal mode
2.0645
-
80
MHz
Voltage scaling Range 1
Boost mode
2.0645
-
120
Voltage scaling Range 2
2.0645
-
26
fPLL_Q_OUT PLL multiplier output clock Q
Voltage scaling Range 1
Normal mode
8-
80
Voltage scaling Range 1
Boost mode
8-
120
Voltage scaling Range 2
8
-
26
fPLL_R_OUT PLL multiplier output clock R
Voltage scaling Range 1
Normal mode
8-
80
Voltage scaling Range 1
Boost mode
8-
120
Voltage scaling Range 2
8
-
26
fVCO_OUT PLL VCO output
Voltage scaling Range 1
64
-
344
Voltage scaling Range 2
64
-
128
tLOCK
PLL lock time
-
-
15
40
μs
Jitter
RMS cycle-to-cycle jitter
System clock 80 MHz
-40
-
±ps
RMS period jitter
-
30
-
IDD(PLL)
PLL power consumption on
VDD(1)
VCO freq = 64 MHz
-
150
200
μA
VCO freq = 96 MHz
-
200
260
VCO freq = 192 MHz
-
300
380
VCO freq = 344 MHz
-
520
650



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com