Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 247 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 247 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 243Page - STMicroelectronics STM32L4R5VG Datasheet HTML 244Page - STMicroelectronics STM32L4R5VG Datasheet HTML 245Page - STMicroelectronics STM32L4R5VG Datasheet HTML 246Page - STMicroelectronics STM32L4R5VG Datasheet HTML 247Page - STMicroelectronics STM32L4R5VG Datasheet HTML 248Page - STMicroelectronics STM32L4R5VG Datasheet HTML 249Page - STMicroelectronics STM32L4R5VG Datasheet HTML 250Page - STMicroelectronics STM32L4R5VG Datasheet HTML 251Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 306 page
background image
DocID030321 Rev 3
247/306
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
Electrical characteristics
281
SPI characteristics
Unless otherwise specified, the parameters given in Table 101 for SPI are derived from tests
performed under the ambient temperature, fPCLKx frequency and supply voltage conditions
summarized in Table 22: General operating conditions.
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5 x VDD
Refer to Section 6.3.17: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI).
Table 101. SPI characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max(2)
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode
2.7 V < VDD < 3.6 V
Voltage Range V1
--
60
MHz
Master mode
1.71 V < VDD < 3.6 V
Voltage Range V1
46
Master transmitter mode
1.71 V < VDD < 3.6 V
Voltage Range V1
60
Slave receiver mode
1.71 V < VDD < 3.6 V
Voltage Range V1
60
Slave mode transmitter/full duplex
2.7 V < VDD < 3.6 V
Voltage Range V1
33
Slave mode transmitter/full duplex
1.71 V < VDD < 3.6 V
Voltage Range V1
21
1.71 V < VDD < 3.6 V
Voltage Range V2
13
1.08 V < VDD < 1.32 V(3)
12
tsu(NSS) NSS setup time
Slave mode, SPI prescaler = 2
4ₓTPCLK
--
ns
th(NSS) NSS hold time
Slave mode, SPI prescaler = 2
2ₓTPCLK
--
ns
tw(SCKH)
tw(SCKL)
SCK high and low time
Master mode
TPCLK-1
TPCLK
TPCLK+1
ns
tsu(MI)
Data input setup time
Master mode
1
-
-
ns
tsu(SI)
Slave mode
2.5
-
-
th(MI)
Data input hold time
Master mode
6
-
-
ns
th(SI)
Slave mode
5.5
-
-
ta(SO)
Data output access time Slave mode
9
-
34
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com