Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 292 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 292 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 288Page - STMicroelectronics STM32L4R5VG Datasheet HTML 289Page - STMicroelectronics STM32L4R5VG Datasheet HTML 290Page - STMicroelectronics STM32L4R5VG Datasheet HTML 291Page - STMicroelectronics STM32L4R5VG Datasheet HTML 292Page - STMicroelectronics STM32L4R5VG Datasheet HTML 293Page - STMicroelectronics STM32L4R5VG Datasheet HTML 294Page - STMicroelectronics STM32L4R5VG Datasheet HTML 295Page - STMicroelectronics STM32L4R5VG Datasheet HTML 296Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 306 page
background image
Package information
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
292/306
DocID030321 Rev 3
samples to run qualification activity.
2. SMPS package version only available for 2 M Flash devices STM32L4R5xI.
7.4
WLCSP144 package information
Figure 80. WLCSP - 144 bump, 5.24x 5.24 mm, 0.40 mm pitch, wafer level chip scale,
package outline
1. Drawing is not to scale.
A085_WLCSP144_ME_V1
e1
e
e
e2 E
D
BOTTOM VIEW
A1 BALL LOCATION
E
D
TOP VIEW
DETAIL A
A1
A2
A
SIDE VIEW
FRONT VIEW
A3
DETAIL A
ROTATED 90
SEATING PLANE
BUMP
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com