Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113MLF Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # IP113MLF
Description  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button IP113MLF Datasheet HTML 18Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 19Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 20Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 21Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 22Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 23Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 24Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 25Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
IP113M LF
Preliminary Data Sheet
22/58
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11
Loop back test (continued)
2.4.3
Programming procedure for In-band loop back test
Step
Description
C1
C3~C2
C15~C8
Note
1
Set local IP113M LF TP receive disabled
Set Reg. 20.14 off
2a
Set remote T2 timer disabled by
maintenance frame
1
01
11 11 11 11
Reg24 and Reg 25
2
Set remote IP113M LF to be loop back
mode enabled by maintenance frame
1
01
00 00 00 01
TS-1000: loop
back set
3
Remote IP113M LF sends back loop back
acknowledge
--
--
--
--
4
Send loop back test maintenance frame
1
01
11 01 10 11
Reg24 and Reg 25
5
Remote IP113M LF send back
acknowledge
--
--
--
--
6
Local IP113M LF stores the loop back
maintenance to Reg. 26~30 and checks
CRC bit is in Reg. 26.12
--
7
Repeat step 4~6 continuously
--
8
Set remote IP113M LF to be loop back
mode disable by maintenance frame
1
01
00 00 00 00
TC-1000: loop
back end
9
Remote IP113M LF sends back loop back
acknowledge
--
--
--
--
10
Set local IP113M LF TP receive enable
Set Reg. 20.14 on
2.4.4
Auto in-band loop back test
Step
Description
1
Set pin AUTO_TEST to “1” (The following step is executed automatically by IP113M LF)
1.1
Central IP113M LF sends loop back start request to remote IP113M LF and goes to CST2
state.
1.2
Remote IP113M LF sends loop back start acknowledge to Central IP113M LF and enters loop
back test mode.
1.3
Central IP113M LF goes to CST1 state and begins sending 15 frames in 64 bytes.
1.4
Remote IP113M LF loops back the received frames at the TP port’s PMD sub-layer.
1.5
Central IP113M LF checks the loop back frames and reports the result.
2
The LED pin LED_RMT_TP_LINK is Flash (on 80ms / off 20ms) during the auto loop back test
period (AUTO_TEST is “1”).
3
The LED pin LED_RMT_TP_SPD indicates the loop back test complete (on) (when
AUTO_TEST is “1”). The LED pin LED_RMT_TP_FDX indicates the loop back test ok (on)
(when AUTO_TEST is “1”)
4
If another auto loop back test is needed, set AUTO_TEST to “0” and then “1”. That is,
AUTO_TEST is triggered whenever there is a low-to-high transition on this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com