Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113MLF Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # IP113MLF
Description  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button IP113MLF Datasheet HTML 35Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 36Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 37Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 38Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 39Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 40Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 41Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 42Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
IP113M LF
Preliminary Data Sheet
39/58
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11
Extended MII registers and EEPROM registers 16
MII
ROM
NAME
R/W
DESCRIPTION
DEFAULT
Special control register (16D)
16.0
--
Reserved
This bit should be “0” for normal operation.
0
16.1
--
Reserved
This bit should be “0” for normal operation.
0
16.2
--
Reserved
This bit should be “0” for normal operation.
0
16.3
--
mr_bypass_scramble
R/W
Bypass PCS scrambler (It is valid only if
16.15=1.)
1: bypass scrambler, 0: not bypass (default)
This bit should be “0” for normal operation.
0
16.4
--
mr_bypass_100x
_coder
R/W
Bypass PCS 4B/5B coder (It is valid only if
16.15=1.)
1: bypass 4B/5B, 0: not bypass (default)
This bit should be “0” for normal operation.
0
16.5
--
mr_bypass_dsp_rst
R/W
Bypass DSP re-start function in PCS
1: bypass DSP re-start, 0: not bypass (default)
This bit should be “0” for normal operation.
0
16.6
--
mr_tx_nlp_disable
R/W
10Mb transmit NLP enable
1: enable (default), 0:disable
This bit should be “1” for normal operation.
0
16.7
--
mr_analog_pwsv
_disable
R/W
Analog power save mode disable
1: disable, 0: enable (default)
The default value is recommended to adopt.
0
16.8
--
mr_fef_disable
R/W
Far-End-Fault function disable
1: disable, 0: enable (default)
The default value is recommended to adopt.
0
16.9
--
mr_jabber_enable
R/W
Jabber function enable
1: enable, 0:disable (default)
The default value is recommended to adopt.
0
16.10
--
mr_heart_beat
_enable
R/W
Heart Beat function enable
1: enable, 0:disable (default)
The default value is recommended to adopt.
0
16.11
--
mr_auto_cross
_disable
R/W
Auto Crossover function disable
1: disable, 0: enable (default)
It should be disabled if MII register 0.12
auto-negotiation is disabled.
0
16.12
--
Reserved
This bit should be “0” for normal operation.
0
16.13
--
Reserved
This bit should be “0” for normal operation.
0
16.14
--
Reserved
R/W
0
16.15
--
Reserved
This bit should be “0” for normal operation.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com