Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113MLF Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # IP113MLF
Description  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button IP113MLF Datasheet HTML 50Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 51Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 52Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 53Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 54Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 55Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 56Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 57Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 58Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 54 / 58 page
background image
IP113M LF
Preliminary Data Sheet
54/58
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11
Extended MII registers and EEPROM registers 27,28,29,30
MII
ROM
NAME
R/W
DESCRIPTION
DEFAULT
Remote control Receive register 2 (MII register 27D)
27[15:0]
--
mg_rem_rd_data
RO
Remote read data
The link partner will send out a maintenance
frame carrying remote-read data if IP113M
LF issues a remote-read command by
sending a maintenance frame. It is derived
from
the
S[15:0]
field
of
a
received
maintenance frame sent by the link partner.
16’b0
MII
ROM
NAME
R/W
DESCRIPTION
DEFAULT
Remote control Receive register 3 (MII register 28D)
28[15:0]
--
mg_rem_rd_data
RO
Vender message M0~M15
The
M[15:0]
field
of
a
received
maintenance frame sent by the link partner.
16’b0
MII
ROM
NAME
R/W
DESCRIPTION
DEFAULT
Remote control Receive register 4 (MII register 29D)
29[15:0]
--
mg_rem_rd_data
RO
Vender message M16~M31
The
M[31:16]
field
of
a
received
maintenance frame sent by the link partner.
16’b0
MII
ROM
NAME
R/W
DESCRIPTION
DEFAULT
Remote control Receive register 5 (MII register 30D)
30[15:0]
--
mg_rem_rd_data
RO
Vender message M32~M47
The
M[47:32]
field
of
a
received
maintenance frame sent by the link partner.
16’b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com