Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113MLF Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # IP113MLF
Description  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button IP113MLF Datasheet HTML 24Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 25Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 26Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 27Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 28Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 29Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 30Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 31Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
IP113M LF
Preliminary Data Sheet
2.9
Serial management interface
User can access IP113M LF’s MII registers through serial management interface MDC and MDIO. A
specific pattern on MDIO is used to access a MII register. Its format is shown in the following table. When
the SMI is idle, MDIO is in high impedance. To initialize the MDIO interface, the management entity sends
a sequence of 32 contiguous “1” and “start” on MDIO.
MDIO
113M LF
MDC
management
entity
MDIO
113M LF
MDC
MDIO
113M LF
MDC
Syatem diagram
Frame
format
<Idle><start><op code><IP113M LF’s address><Registers
address><turnaround>
<data><idle>
Read
Operation
<Idle><01><10><A4A3A2A1A0><R4R3R2R1R0><Z0>
<b15 b14 b13 b12 b11 b10 b9 b8 b7 b6 b5 b4 b3 b2 b1b0><Idle>
Write
Operation
<Idle><01><01><A4A3A2A1A0><R4R3R2R1R0><10>
<b15 b14 b13 b12 b11 b10 b9 b8 b7 b6 b5 b4 b3 b2 b1b0><Idle>
0
0
0
0
0
0
0
0
1
1
0
0
1
1
0
0
0
1
0
0
0
0
0
1
0
0
0
0
1
0
1
0
1..1
idle
start
op
code
PHY address =
01h
Reg address =
00h
TA
Register data
b
1
5
b
1
4
b
1
3
b
1
2
b
1
1
b
1
0
b
9
b
8
b
7
b
6
b
5
b
4
b
3
b
2
b
1
b
0
idle
A
4
A
3
A
2
A
1
A
0
R
4
R
3
R
2
R
1
R
0
write
z
z
0
0
0
0
0
0
0
0
1
0
0
0
1
1
0
0
0
Z
0
0
0
0
0
1
0
0
0
0
0
1
1
0
idle
start
op
code
PHY address =
01h
Reg address =
00h
TA
Register data
b
1
5
b
1
4
b
1
3
b
1
2
b
1
1
b
1
0
b
9
b
8
b
7
b
6
b
5
b
4
b
3
b
2
b
1
b
0
idle
A
4
A
3
A
2
A
1
A
0
R
4
R
3
R
2
R
1
R
0
read
z
zz
MDC
MDIO
MDC
MDIO
1..1
1..1
1..1
April 9, 2007
28/58
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com