Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113MLF Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # IP113MLF
Description  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button IP113MLF Datasheet HTML 4Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 5Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 6Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 7Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 8Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 9Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 10Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 11Page - List of Unclassifed Manufacturers IP113MLF Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
IP113M LF
Preliminary Data Sheet
8/58
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11
1.
PIN Description
Type
Description
I
Input pin
O
Output pin
IPH
Input pin with internal pull-high resistor
IPL
Input pin with internal pull-low resistor
Pin no.
Label
Type
Description
Transceiver
5, 6
RXIP, RXIM
I
TP receive
8, 9
TXOP, TXOM
O
TP transmit
2
BGRES
O
Band gap resistor
It is connected to GND through a 6.19k (1%) resistor in
application circuit.
18
FXSD
I
100Base-FX signal detect
Fiber signal detect. It is an input signal from fiber MAU.
Fiber signal detect is active if the voltage on FXSD is
higher than the threshold voltage, which is 1.35v
±5%
when VCC is equal to 2.5v.
13, 14
FXRDP, FXRDM
I
Fiber receiver data pair
Common-mode voltage of FXRDP and FXRDM are
suggested to near 0.5x AVCC.
When voltage peak-to-peak>0.1V,FXRX could be
workable.
16, 17
FXTDP, FXTDM
O
Fiber transmitter data pair
FXTX with the external 100Ω resistor.
Common-mode voltage of FXTDP and FXTDM are
suggested to near 0.5x AVCC.
Swing of Voltage ≧ 0.8V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com